công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F10DGDCLFB bảng dữ liệu(PDF) 57 Page - Renesas Technology Corp

tên linh kiện R5F10DGDCLFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10DGDCLFB bảng dữ liệu(HTML) 57 Page - Renesas Technology Corp

Back Button R5F10DGDCLFB Datasheet HTML 53Page - Renesas Technology Corp R5F10DGDCLFB Datasheet HTML 54Page - Renesas Technology Corp R5F10DGDCLFB Datasheet HTML 55Page - Renesas Technology Corp R5F10DGDCLFB Datasheet HTML 56Page - Renesas Technology Corp R5F10DGDCLFB Datasheet HTML 57Page - Renesas Technology Corp R5F10DGDCLFB Datasheet HTML 58Page - Renesas Technology Corp R5F10DGDCLFB Datasheet HTML 59Page - Renesas Technology Corp R5F10DGDCLFB Datasheet HTML 60Page - Renesas Technology Corp R5F10DGDCLFB Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 139 page
background image
RL78/D1A
3. ELECTRICAL SPECIFICATIONS (J GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 57 of 135
Mar 31, 2026
3.3 Oscillator characteristics
3.3.1 Main(X1) oscillator characteristics
TA = -40 to +85
°C, 2.7 V ≤ VDD ≤ 5.5 V, VSS = 0 V
Parameter
Symbols
Conditions
Min.
Typ.
Max.
Unit
Main (X1) clock
oscillation frequency
fX
Ceramic resonator
1.0
20.0
MHz
Crystal resonator
1.0
20.0
MHz
Remark Indicates only oscillator characteristics. Refer to AC Characteristics for instruction execution time.
3.3.2 High speed on chip oscillator characteristics
TA = -40 to +85
°C, 2.7 V ≤ VDD ≤ 5.5 V, VSS = 0 V
Parameter
Symbols
Conditions
Min.
Typ.
Max.
Unit
HOCO
oscillation frequency
fHOCO
4 MHz mode
3.92
4.00
4.08
MHz
8 MHz mode
7.84
8.00
8.16
MHz
16 MHz mode
15.68
16.00
16.32
MHz
24 MHz mode
23.52
24.00
24.48
MHz
32 MHz mode
31.36
32.00
32.64
MHz
Remark Indicates only oscillator characteristics. Refer to AC Characteristics for instruction execution time.
3.3.3 Low speed on chip oscillator characteristics
TA = -40 to +85
°C, 2.7 V ≤ VDD ≤ 5.5 V, VSS = 0 V
Parameter
Symbols
Conditions
Min.
Typ.
Max.
Unit
LOCO
oscillation frequency
fLOCO
12.75
15.0
17.25
kHz
3.3.4 Sub(XT1) oscillator characteristics
TA = -40 to +85
°C, 2.7 V≤ VDD ≤ 5.5 V, VSS = 0 V
Parameter
Symbols
Conditions
Min.
Typ.
Max.
Unit
Sub (XT1) clock
oscillation frequency
fXT
Possible to oscillate
29.0
32.768
35.0
kHz
Remark Indicates only oscillator characteristics. Refer to AC Characteristics for instruction execution time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com