công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WME-3M2DFB bảng dữ liệu(PDF) 1 Page - PATLITE CORPORATION.

tên linh kiện WME-3M2DFB
Giải thích chi tiết về linh kiện  Signal Tower
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PATLITE [PATLITE CORPORATION.]
Trang chủ  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

WME-3M2DFB bảng dữ liệu(HTML) 1 Page - PATLITE CORPORATION.

  WME-3M2DFB Datasheet HTML 1Page - PATLITE CORPORATION. WME-3M2DFB Datasheet HTML 2Page - PATLITE CORPORATION. WME-3M2DFB Datasheet HTML 3Page - PATLITE CORPORATION. WME-3M2DFB Datasheet HTML 4Page - PATLITE CORPORATION. WME-3M2DFB Datasheet HTML 5Page - PATLITE CORPORATION. WME-3M2DFB Datasheet HTML 6Page - PATLITE CORPORATION. WME-3M2DFB Datasheet HTML 7Page - PATLITE CORPORATION. WME-3M2DFB Datasheet HTML 8Page - PATLITE CORPORATION. WME-3M2DFB Datasheet HTML 9Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
[General Specifications]
26mA
Amber
0.7W
0.5W
26mA
22mA
Red
Blue
0.5W
0.4W
20mA
15mA
Green
Per LED Unit
0.9W
0.7W
35mA
29mA
White
0.9W
0.7W
35mA
29mA
Outer Dimensions
Refer to the Outer Dimensions Drawing
Conformity Standards
UL 508, CSA-C22.2 No. 14
EMC Directive (EN 61000-6-4, EN 61000-6-2)
RoHS Directive (EN IEC 63000)
FCC Part15 SubpartB Class A
KC (KN 61000-6-4, KN 61000-6-2)
Luminous Intensity (Typ.)
Red : 2000mcd Amber : 5200mcd Green : 3100mcd Blue : 1700mcd White : 8700mcd
Mass (Tolerance ±10%)
1tier : 0.28kg 2tiers : 0.37kg 3tiers : 0.46kg 4tiers : 0.55kg 5tiers : 0.64kg
Vibration Resistance
20m/s² (JIS C 60068-2-6)
Insulation Resistance
More than 1MΩ at 500VDC between live part and non-current carrying metallic part
Withstand Voltage
500VAC applied for 1min between live part and non-current carrying metallic part without breaking insulation
Protection Rating
IP54 (IEC 60529)
Environmental Condition
Upright
Upward
Downward
Horizontal
Mounting Location
Indoor Only
Mounting Direction
Upright
Upward
Downward
Horizontal
Operating Ambient Humidity
Less than 90% (No condensation)
Storage Ambient Temperature
-15℃ to +60 ℃
Storage Ambient Humidity
Less than 90% (No condensation)
Inrush Current
Power Supply Wire
-
Signal Wire
-
Operating Ambient Temperature
-10℃ to +55 ℃
Max.
0.9W
Max.
Signal wire current
Typ.
Rated Power Consumption
Typ.
0.6W
35mA
Operating Voltage Range
Rated Voltage ±10%
Signal Wire Current
/Power Consumption
SPECIFICATIONS
Rated Voltage
24V DC
Drawing No.
Rev.
Page
WME-D-W18
D
Remarks
・
Due to the characteristics of the LED elements, a variation in difference of the color tone
 
and brightness of every product may occur.
・
Power Consumption is the sum total of each LED Unit.
 
Example) WME-302D-RYG Rated Power Consumption(Typ.)
 
0.5W(LED Unit Red)+0.6W(LED Unit Amber)+0.4W(LED Unit Green) = 1.5W
・
Model Number Configuration
・
Conforms to the CE Requirements
・
Conforms to the UKCA Requirements
Product Name
Signal Tower
Model
WME-□02D
From top
to bottom
Model
Tiers
Rated
Voltage
LED Unit Color
WME -
⇩
02
D -
⇩
1
1Tier
02
24V DC
R
Red
2 2Tiers
Y Amber
3 3Tiers
G Green
4 4Tiers
B
Blue
5 5Tiers
C White
1 / 9


Số phần tương tự - WME-3M2DFB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Brady Worldwide, Inc.
WME BRADY-WME Datasheet
332Kb / 4P
Miniature Circuit Breaker Lockout - Pin Out Standard
10/03/2017
logo
White Electronic Design...
WME128K8-120CC WEDC-WME128K8-120CC Datasheet
378Kb / 11P
128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WME128K8-120CCA WEDC-WME128K8-120CCA Datasheet
378Kb / 11P
128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WME128K8-120CI WEDC-WME128K8-120CI Datasheet
378Kb / 11P
128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WME128K8-120CIA WEDC-WME128K8-120CIA Datasheet
378Kb / 11P
128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
More results

Mô tả tương tự - WME-3M2DFB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
LE-502FBW-RYGBC ETC2-LE-502FBW-RYGBC Datasheet
239Kb / 2P
Signal Tower
logo
Contec Co., Ltd
CPS-PAV-AE01-EU CONTEC-CPS-PAV-AE01-EU Datasheet
541Kb / 3P
Signal Tower Monitoring
logo
M-System Co.,Ltd.
ITPL MSYSTEM-ITPL Datasheet
91Kb / 2P
Tower Light Series
IT60SRC MSYSTEM-IT60SRC Datasheet
203Kb / 5P
Tower Light Series
IT60RE MSYSTEM-IT60RE Datasheet
210Kb / 5P
ETHERNET TOWER LIGHT
IT50SW6F MSYSTEM-IT50SW6F Datasheet
435Kb / 10P
WIRELESS TOWER LIGHT
IT50SW5F MSYSTEM-IT50SW5F Datasheet
590Kb / 10P
WIRELESS TOWER LIGHT
IT50SRE MSYSTEM-IT50SRE Datasheet
180Kb / 4P
ETHERNET TOWER LIGHT
IT40SW6F MSYSTEM-IT40SW6F Datasheet
428Kb / 10P
WIRELESS TOWER LIGHT
logo
Schneider Electric
XVC6B25S SCHNEIDER-XVC6B25S Datasheet
83Kb / 4P
Tower Lights
Jan 12, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com