| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WME-402DFB bảng dữ liệu(PDF) 3 Page - PATLITE CORPORATION. |
|
|
|||||||||||||||||||||||||||||
WME-402DFB bảng dữ liệu(HTML) 3 Page - PATLITE CORPORATION. |
|
3 / 9 page ![]() [General Specifications] White Per LED Unit Blue 1.3W 1.0W 35mA 29mA Green 1.3W 1.0W 29mA Amber 0.9W 0.6W 20mA 15mA Red 1.2W 0.9W 35mA 26mA Remarks ・ Due to the characteristics of the LED elements, a variation in difference of the color tone and brightness of every product may occur. ・ Power Consumption is the sum total of each LED Unit and Main unit power consumption. Example) WME-3M2D-RYG Rated Power Consumption(Typ.) 0.8W(LED Unit Red)+0.9W(LED Unit Amber)+0.6W(LED Unit Green) +0.3W(Main unit power consumption) = 2.6W ・ Model Number Configuration ・ Conforms to the CE Requirements ・ Conforms to the UKCA Requirements 1.1W 0.8W 26mA Outer Dimensions Refer to the Outer Dimensions Drawing Conformity Standards UL 508, CSA-C22.2 No. 14 EMC Directive (EN 61000-6-4, EN 61000-6-2) RoHS Directive (EN IEC 63000) FCC Part15 SubpartB Class A KC (KN 61000-6-4, KN 61000-6-2) Low Voltage Directive(IEC/EN60947-5-1,EN62471) Luminous Intensity (Typ.) Red : 2000mcd Amber : 5200mcd Green : 3100mcd Blue : 1700mcd White : 8700mcd Mass (Tolerance ±10%) 1tier : 0.35kg 2tiers : 0.44kg 3tiers : 0.53kg 4tiers : 0.62kg 5tiers : 0.71kg Vibration Resistance 20m/s² (JIS C 60068-2-6) Insulation Resistance More than 1MΩ at 500VDC between live part and non-current carrying metallic part Withstand Voltage 1500VAC applied for 1min between live part and non-current carrying metallic part without breaking insulation Protection Rating IP54 (IEC 60529) Environmental Condition Upright Upward Downward Horizontal Mounting Location Indoor Only Mounting Direction Upright Upward Downward Horizontal Operating Ambient Humidity Less than 90% (No condensation) Storage Ambient Temperature -15℃ to +55 ℃ Storage Ambient Humidity Less than 90% (No condensation) Inrush Current Power Supply Wire 100V : 11A, Less than 2ms / 240V : Less than 25A, Less than 2ms Signal Wire - Operating Ambient Temperature -10℃ to +50 ℃ Max. Typ. Max. Signal wire current Typ. Rated Power Consumption Main unit power consumption /Standby Power Consumption : 0.3W 22mA 35mA Operating Voltage Range 90-250V AC (50/60Hz) Signal Wire Current /Power Consumption Product Name Signal Tower Model WME-□M2D Rated Voltage 100-240V AC (50/60Hz) Drawing No. Rev. Page WME-D-W18 D From top to bottom Model Tiers Rated Voltage LED Unit Color WME - ⇩ M2 D - ⇩ 1 1Tier M2 100-240V AC R Red 2 2Tiers Y Amber 3 3Tiers G Green 4 4Tiers B Blue 5 5Tiers C White 3 / 9 |