| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M8EK900 bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M8EK900 bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() 1/4 June 2000 M8EK900 M8DKPRO, M8DKFL M8 FLASH+PSD System Development Tools s Hardware Tools: – FLASH+PSD Evaluation Board Kit based on popular MCUs – FLASH+PSD FlashLINK JTAG In-System Programming (ISP) Kit – FLASH+PSD PSDpro insertion parallel device programmer kit s Software Tools: – Integrated suite of industry standard design tools ported to a Windows environment – M8 PSDsoft for the M88 family, supplied on a CD-ROM, sold as part of a kit, with free upgrades available on the web site, after product registration – PSDsoft Express for the M89 family, may be downloaded from the ST web site ( www.st.com/flashpsd) at no charge, after registration. DESCRIPTION STMicroelectronics offers a set of user friendly PC-based hardware and software tools for design, development and programming of FLASH+PSD based MCU systems. These tools can be used with any PC using Microsoft Windows 95, Windows 98 or Windows NT. HARDWARE TOOLS The hardware tools are summarized in Table 1 and may be ordered individually or in kits. Figure 1. M8EK900-KI Kit Figure 2. M8DKFL-101 Kit Figure 3. M8DKPRO Kit Table 1. Product Summary1 Note: 1. Please see Table 2 for complete information. 2. Another Evaluation kit, based on the ST9R158 MCU, is currently under development. M8EK900-KI2 FLASH+PSD/80C32 MCU Evaluation and JTAG ISP Kit for M88 or M89 families M8DKFL-101 FlashLINK JTAG ISP Kit M8DKPRO PSDpro Parallel Programmer Kit M8PSDSOFT M8PSDsoft CD-ROM (part of a kit) |
Mô tả tương tự - M8EK900 |