công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLD5000 bảng dữ liệu(PDF) 7 Page - Wavelength Electronics, Inc.

tên linh kiện PLD5000
Giải thích chi tiết về linh kiện  Laser Diode Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WAVELENGTH [Wavelength Electronics, Inc.]
Trang chủ  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

PLD5000 bảng dữ liệu(HTML) 7 Page - Wavelength Electronics, Inc.

Back Button PLD5000 Datasheet HTML 3Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 4Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 5Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 6Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 7Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 8Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 9Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 10Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 11Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
© 2020
www.teamWavelength.com
7
PLD SERIES LASER DIODE DRIVER
SAFETY INFORMATION
SAFE OPERATING AREA — DO NOT EXCEED
INTERNAL POWER DISSIPATION LIMITS
Before attempting to operate the PLD driver, it is imperative
that you first determine that the unit will operate within the
Safe Operating Area (SOA). Operating outside of the SOA
may damage the laser and the PLD. Operating outside of
the SOA will void the warranty.
To determine if the PLD driver is suitable for your application
and if it will be operating in the safe range, consult the
instructions for calculating the Safe Operating Area on-line:
www.teamwavelength.com/support/design-tools/soa-ld-calculator
SOA charts are included in this datasheet for quick reference
(
page 18), but we recommend you use the on-line tools
instead.
!
ToensuresafeoperationofthePLDdriver,itis
imperativethatyoudetermineiftheunitisgoingto
beoperatingwithintheinternalheatdissipation
Safe Operating Area (SOA).
If you have any questions about the Safe Operating Area
calculator, call the factory for free and prompt technical
assistance.
THEORY OF OPERATION
The PLD Series drivers are controlled current sources: they
deliver the current commanded by the setpoint. The current
source continually monitors the actual output current,
compares it to the setpoint, and adjusts the current if there
is a difference between the two signals.
It may be useful to remember that you do not directly set
the drive current setpoint; instead, you adjust a voltage
signal that represents the output current. The voltage and
output current are related by a transfer function that varies
by driver model number.
The setpoint voltage is adjusted with the onboard trimpot or
by an external input that sums with the onboard setpoint.
The adjustable current limit is set in a similar manner.
As current is driven through the load, there is a voltage drop
across the load because of the impedance. As the current
increases, the voltage drop may increase to the point that it
reaches the Compliance Voltage limit of the current source.
Once that occurs, the current source is no longer able to
increase the current driven to the load even if you increase
the setpoint.
The PLD driver includes features that help protect your
laser and make the driver more versatile in a wide array of
applications:
• The user-adjustable latching current limit protects the
laser from over-current situations by switching off the
output when a limit condition is detected. Toggling the
Enable resets the current limit circuit.
• Output current switches on after approximately 1.5
seconds from the time the Enable signal is applied.
• Output slow-start ramps the current to setpoint over
250 msec.
• A mechanical relay shorts the output connections when
the output is disabled, and when the PLD driver is
powered off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com