công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FMPT1006 bảng dữ liệu(PDF) 1 Page - Infinite Electronics International, Inc.

tên linh kiện FMPT1006
Giải thích chi tiết về linh kiện  0.5 GHz to 8 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRVIEW [Infinite Electronics International, Inc.]
Trang chủ  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMPT1006 bảng dữ liệu(HTML) 1 Page - Infinite Electronics International, Inc.

  FMPT1006 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMPT1006 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMPT1006 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMPT1006 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMPT1006 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REV 1.1 Page 1 of 5
Copyright © 2020
The FMPT1006 is a coaxial packaged Power Detector that operates across a
broadband frequency from 500 MHz to 8 GHz. The 50 Ohm design provides a
positive output voltage that’s porportional to the RF input signal level. Impressive
performance includes high voltage sensitivity of 0.5 mV/uW typ, tangential signal
sensitivity (TSS) of -30 dBm typ, and low VSWR of 1.1:1 typ. The unit does not
require a DC bias voltage, and has maximum RF input power handling of +23
dBm. The low profile pin package is aluminum with Gold plating and supports
field replaceable SMA connectors, with a Male RF connector on the input port
and a Female RF connector on the output port. With the connectors removed,
the package can be drop mounted onto a PWB. The module has an operational
temperature range from -40°c to +85°C and is guaranteed to meet a series of
environmental test conditions for Altitude, Vibration, Humidity, and Shock.
Electrical Specifications (@ +25°C)
.
Description
Min
Typ
Max
Unit
Frequency Range
0.5
8
GHz
VSWR
1.1:1
1.2:1
Voltage Sensitivity
0.5
mV/uW
Input Power
23
dBm
Tangential Signal Sensitivity (TSS)
-30
dBm
Operating Temperature Range
-40
85
deg C
Output Polarity
Positive
.
FMPT1006
DATA SHEET
0.5 GHz to 8 GHz Power Detector, Positive Output
Slope, +23 dBm Max Pin, SMA
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Power Detector with
Positive Output Slope
• 500 MHz to 8 GHz
• High Voltage Sensitivity
0.5 mV/uW typ
• Tangential Signal Sensitivity
(TSS) -30 dBm typ
• VSWR 1.1:1 typ
• Maximum RF Input Power
Handling +23 dBm
• No DC Bias Required
• 50 Ohm Design
• Field Replaceable SMA
Connectors, Male input
and Female output
• Operational Temperature
Range -40°c to +85°C
• Rugged and Compact Aluminum
Gold Plated Package Design
• Guaranteed Environmental
Test Conditions Altitude,
Vibration, Humidity, Shock
Applications:
• Test & Measurement
• Military and Commercial
Communications
• Military Electronic Systems
• Research & Development


Số phần tương tự - FMPT1006

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infinite Electronics In...
FMPT1000 FAIRVIEW-FMPT1000 Datasheet
713Kb / 4P
Power Detector, 50 MHz to 5 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1001 FAIRVIEW-FMPT1001 Datasheet
714Kb / 4P
Power Detector, 30 MHz to 4 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1002 FAIRVIEW-FMPT1002 Datasheet
714Kb / 4P
Power Detector, 50 MHz to 3 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1003 FAIRVIEW-FMPT1003 Datasheet
644Kb / 5P
10 MHz to 18 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA
REV 1.1A
FMPT1004 FAIRVIEW-FMPT1004 Datasheet
726Kb / 5P
6 GHz to 18 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA
REV 1.1A
More results

Mô tả tương tự - FMPT1006

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transcom, Inc.
TM005-020-12-24 TRANSCOM-TM005-020-12-24 Datasheet
23Kb / 1P
0.5 - 2 GHz 24 dBm Module
TA005-025-14-19 TRANSCOM-TA005-025-14-19 Datasheet
39Kb / 1P
0.5 - 2.5 GHz 19 dBm Amplifier
TA005-025-25-20 TRANSCOM-TA005-025-25-20 Datasheet
39Kb / 1P
0.5 - 2.5 GHz 20 dBm Amplifier
logo
Pasternack Enterprises,...
PE8032 PASTERNACK-PE8032 Datasheet
697Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,14 dBm Flat Leakage, 2 GHz to 8 GHz
PE8034 PASTERNACK-PE8034 Datasheet
699Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,13 dBm Flat Leakage, 4 GHz to 8 GHz
PE8037 PASTERNACK-PE8037 Datasheet
696Kb / 3P
SMA PIN-Schottky Limiter, 200 Watts Peak Power,12 dBm Flat Leakage, 8 GHz to 16 GHz
PE15A2004 PASTERNACK-PE15A2004 Datasheet
712Kb / 10P
6 GHz to 18 GHz, Log Amplifier, 50 mV - dB Log Slope, 40 dBm Log Range, SMA
PE8019 PASTERNACK-PE8019 Datasheet
643Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 19 dBm Flat Leakage, 1 GHz to 2 GHz
PE8020 PASTERNACK-PE8020 Datasheet
647Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 18.5 dBm Flat Leakage, 2 GHz to 4 GHz
PE8023 PASTERNACK-PE8023 Datasheet
707Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 16 dBm Flat Leakage, 4 GHz to 8 GHz
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com