công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FMPT1004 bảng dữ liệu(PDF) 1 Page - Infinite Electronics International, Inc.

tên linh kiện FMPT1004
Giải thích chi tiết về linh kiện  6 GHz to 18 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRVIEW [Infinite Electronics International, Inc.]
Trang chủ  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMPT1004 bảng dữ liệu(HTML) 1 Page - Infinite Electronics International, Inc.

  FMPT1004 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMPT1004 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMPT1004 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMPT1004 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMPT1004 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REV 1.1 Page 1 of 5
Copyright © 2020
The FMPT1004 is a coaxial packaged Power Detector that operates across a
broadband frequency from 6 GHz to 18 GHz. The 50 Ohm design provides a
positive output voltage that’s porportional to the RF input signal level. Impressive
performance includes high voltage sensitivity of 0.5 mV/uW typ, tangential signal
sensitivity (TSS) of -25 dBm min, and low VSWR of 1.4:1 typ. The unit does not
require a DC bias voltage, and has maximum RF input power handling of +23
dBm. The low profile pin package is aluminum with Gold plating and supports
field replaceable SMA connectors, with a Male RF connector on the input port
and a Female RF connector on the output port. With the connectors removed,
the package can be drop mounted onto a PWB. The module has an operational
temperature range from -40°c to +85°C and is guaranteed to meet a series of
environmental test conditions for Altitude, Vibration, Humidity, and Shock.
Electrical Specifications (@ +25°C)
.
Description
Min
Typ
Max
Unit
Frequency Range
6
18
GHz
VSWR
1.4:1
1.5:1
Voltage Sensitivity
0.5
mV/uW
Input Power
23
dBm
Tangential Signal Sensitivity (TSS)
-25
dBm
Operating Temperature Range
-40
85
deg C
Output Polarity
Positive
.
FMPT1004
DATA SHEET
6 GHz to 18 GHz Power Detector, Positive Output
Slope, +23 dBm Max Pin, SMA
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Power Detector with
Positive Output Slope
• 6 GHz to 18 GHz
• High Voltage Sensitivity
0.5 mV/uW typ
• Tangential Signal Sensitivity
(TSS) -25 dBm min
• VSWR 1.4:1 typ
• Maximum RF Input Power
Handling +23 dBm
• No DC Bias Required
• 50 Ohm Design
• Field Replaceable SMA
Connectors, Male input
and Female output
• Operational Temperature
Range -40°c to +85°C
• Rugged and Compact Aluminum
Gold Plated Package Design
• Guaranteed Environmental
Test Conditions Altitude,
Vibration, Humidity, Shock
Applications:
• Test & Measurement
• Military and Commercial
Communications
• Military Electronic Systems
• Research & Development


Số phần tương tự - FMPT1004

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infinite Electronics In...
FMPT1000 FAIRVIEW-FMPT1000 Datasheet
713Kb / 4P
Power Detector, 50 MHz to 5 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1001 FAIRVIEW-FMPT1001 Datasheet
714Kb / 4P
Power Detector, 30 MHz to 4 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1002 FAIRVIEW-FMPT1002 Datasheet
714Kb / 4P
Power Detector, 50 MHz to 3 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1003 FAIRVIEW-FMPT1003 Datasheet
644Kb / 5P
10 MHz to 18 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA
REV 1.1A
FMPT1005 FAIRVIEW-FMPT1005 Datasheet
672Kb / 4P
10 MHz to 26.5 GHz Power Detector, Negative Out­ put Slope, 23 dBm Max Pin, SMA
REV 1.1A
More results

Mô tả tương tự - FMPT1004

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transcom, Inc.
TM060-180-10-14 TRANSCOM-TM060-180-10-14 Datasheet
25Kb / 1P
6 - 18 GHz 14 dBm Gain Module
TM060-180-11-21 TRANSCOM-TM060-180-11-21 Datasheet
23Kb / 1P
6-18 GHz 21 dBm Gain Module
TA060-180-30-28 TRANSCOM-TA060-180-30-28 Datasheet
31Kb / 1P
6 - 18 GHz 28 dBm Amplifier
logo
Pasternack Enterprises,...
PE80T1000 PASTERNACK-PE80T1000 Datasheet
452Kb / 7P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE80T1001 PASTERNACK-PE80T1001 Datasheet
341Kb / 6P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE8033 PASTERNACK-PE8033 Datasheet
701Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power, 18 dBm Flat Leakage, 2 GHz to 18 GHz
PE8038 PASTERNACK-PE8038 Datasheet
707Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,14 dBm Flat Leakage, 11 GHz to 18 GHz
PE15A2004 PASTERNACK-PE15A2004 Datasheet
712Kb / 10P
6 GHz to 18 GHz, Log Amplifier, 50 mV - dB Log Slope, 40 dBm Log Range, SMA
PE8035 PASTERNACK-PE8035 Datasheet
357Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power, 13 dBm Flat Leakage, 6 GHz to 18 GHz
logo
Analog Devices
HMC7885 AD-HMC7885 Datasheet
304Kb / 11P
2 GHz to 6 GHz, 45 dBm Power Amplifier
1/2017-Revision 0
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com