công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FMPT1002 bảng dữ liệu(PDF) 1 Page - Infinite Electronics International, Inc.

tên linh kiện FMPT1002
Giải thích chi tiết về linh kiện  Power Detector, 50 MHz to 3 GHz, SMA, Postive Out­ put Slope
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRVIEW [Infinite Electronics International, Inc.]
Trang chủ  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMPT1002 bảng dữ liệu(HTML) 1 Page - Infinite Electronics International, Inc.

  FMPT1002 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMPT1002 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMPT1002 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMPT1002 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV 1.1 Page 1 of 4
Copyright © 2020
The FMPT1002 is a broadband Power Detector module that covers a frequency
band from 50 MHz to 3000 MHz. Desireable performance features include a
positive output slope with an output voltage response from 0.1 to 2.5 volts,
60 dB of dynamic range, and a fast pulse respone of 0.3 µsec typical. The 50
ohm detector design requires a single +5 volt power supply, can handle up to
+10 dBm RF input power, and supports Female SMA conectors. The rugged
compact package assembly operates over a -40°C to +85°C temperaure range
and is designed to meet MIL-STD-202 environmental test conditions for Humidity,
Shock, Vibration, and Altitude.
Electrical Specifications
.
Description
Min
Typ
Max
Unit
Frequency Range
50
3
GHz
VSWR
1.3:1
2:1
Dynamic Range
55
60
dB
Output Voltage (RMS Response)
Pin = 0 dBm @ 1000 MHz
2
2.1
V
Pin = -60 dBm @1000 MHz
0.05
0.12
V
Logarithmic Slope
36
41
mV/dB
Deviation @25°C
±0.5
dB
Deviation over OTR
±1.5
dB
Response Time
300
ns
Small Signal Envelope Bandwidth
25
30
MHz
Output Current Sink
7
10
mA
Supply Quiescent Current
12
20
mA
Operating Temperature Range
-40
+85
deg C
.
FMPT1002
DATA SHEET
Power Detector, 50 MHz to 3 GHz, SMA, Postive Out-
put Slope
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Frequency Range:
50 to 3000 MHz
• Dynamic Range: 60 dB
• Output Voltage Response:
0.1 to 2.5V
• Positive Output Slope
• Input VSWR: 1.3:1 typ
• Max RF Input Power: +10 dBm
• Pulse Reponse: 0.3 µsec
• DC Power: +5V
• SMA Female Connectors
• Operating Temperature:
-40°C to +85°C
• Guaranteed to meet MIL-
STD-202 Environmental
Conditions
Applications:
• Transmit/Receive Power
Measurement
• Input Protection
• Return Loss Measurement
• RF Pulse Detection
• Radar
• Electronic Warfare
• Test and Measurement
• Wireless Signal Testing
& Optimization
• Power Amplifier Linearization
• CW & Modulated Waveform
Measurements


Số phần tương tự - FMPT1002

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infinite Electronics In...
FMPT1000 FAIRVIEW-FMPT1000 Datasheet
713Kb / 4P
Power Detector, 50 MHz to 5 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1001 FAIRVIEW-FMPT1001 Datasheet
714Kb / 4P
Power Detector, 30 MHz to 4 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1003 FAIRVIEW-FMPT1003 Datasheet
644Kb / 5P
10 MHz to 18 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA
REV 1.1A
FMPT1004 FAIRVIEW-FMPT1004 Datasheet
726Kb / 5P
6 GHz to 18 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA
REV 1.1A
FMPT1005 FAIRVIEW-FMPT1005 Datasheet
672Kb / 4P
10 MHz to 26.5 GHz Power Detector, Negative Out­ put Slope, 23 dBm Max Pin, SMA
REV 1.1A
More results

Mô tả tương tự - FMPT1002

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
50 MHz to 4 GHz TruPwr Detector
9/06-Revision 0
AD8317 AD-AD8317 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 50 dB Log Detector/Controller
10/05-Revision 0
AD8312 AD-AD8312_05 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
4/05-Revision 0
logo
Skyworks Solutions Inc.
DD02-999 SKYWORKS-DD02-999_06 Datasheet
525Kb / 6P
650 MHz-3 GHz Directional Detector
logo
Analog Devices
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
AD8312 AD-AD8312_15 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
REV. A
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
logo
Pasternack Enterprises,...
PE15A2004 PASTERNACK-PE15A2004 Datasheet
712Kb / 10P
6 GHz to 18 GHz, Log Amplifier, 50 mV - dB Log Slope, 40 dBm Log Range, SMA
logo
Analog Devices
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
50 MHz to 9 GHz 65 dB TruPwr Detector
Rev. B
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com