công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8D2BFDCAB bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp

tên linh kiện R7KA8D2BFDCAB
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2BFDCAB bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp

  R7KA8D2BFDCAB Datasheet HTML 1Page - Renesas Technology Corp R7KA8D2BFDCAB Datasheet HTML 2Page - Renesas Technology Corp R7KA8D2BFDCAB Datasheet HTML 3Page - Renesas Technology Corp R7KA8D2BFDCAB Datasheet HTML 4Page - Renesas Technology Corp R7KA8D2BFDCAB Datasheet HTML 5Page - Renesas Technology Corp R7KA8D2BFDCAB Datasheet HTML 6Page - Renesas Technology Corp R7KA8D2BFDCAB Datasheet HTML 7Page - Renesas Technology Corp R7KA8D2BFDCAB Datasheet HTML 8Page - Renesas Technology Corp R7KA8D2BFDCAB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 292 page
background image
Table 1.5
Direct memory access
Feature
Functional description
Data Transfer Controller (DTC)
A Data Transfer Controller (DTC) module is provided for transferring data when activated by an
interrupt request.
DMA Controller (DMAC)
The 8-channel direct memory access controller (DMAC) that can transfer data without
intervention from the CPU. When a DMA transfer request is generated, the DMAC transfers
data stored at the transfer source address to the transfer destination address.
Table 1.6
External bus interface
Feature
Functional description
External buses
● CS area (ECBI): Connected to the external devices (external memory interface)
● SDRAM area (ECBI): Connected to the SDRAM (external memory interface)
● OSPI0 area (OSPI0BI): Connected to the OSPI0 (external device interface)
● OSPI1 area (OSPI1BI): Connected to the OSPI1 (external device interface)
Table 1.7
Timers
Feature
Functional description
General PWM Timer (GPT)
The General PWM Timer (GPT) is a 32-bit timer with GPT32 × 14 channels. PWM waveforms
can be generated by controlling the up-counter, down-counter, or the up- and down-counter. In
addition, PWM waveforms can be generated for controlling brushless DC motors. The GPT can
also be used as a general-purpose timer.
PWM Delay Generation Circuit (PDG)
The PWM Delay Generation circuit (PDG) has 4 channels delay circuits that can connect to the
GPT. The PDG can control the rise and fall edge timing with which the PWM output for the
GPT320 through the GPT323.
Port Output Enable for GPT (POEG)
The Port Output Enable (POEG) function can place the General PWM Timer (GPT) output pins
in the output disable state
Low Power Asynchronous General
Purpose Timer (AGT)
The Low Power Asynchronous General Purpose Timer (AGT) is a 16-bit timer that can be used
for pulse output, external pulse width or period measurement, and counting external events. This
timer consists of a reload register and a down counter. The reload register and the down counter
are allocated to the same address, and can be accessed with the AGT register.
Ultra-Low-Power Timer (ULPT)
The Ultra-Low-Power Timer (ULPT) is a 32-bit timer which can be used for outputting pulses or
counting external events. This 32-bit timer consists of reload registers and a down-counter. The
reload registers and the down-counter are allocated to the same address and can be accessed
through the ULPTCNT register.
Realtime Clock (RTC)
The realtime clock (RTC) has two counting modes, calendar count mode and binary count mode,
that are used by switching register settings. For calendar count mode, the RTC has a 100-year
calendar from 2000 to 2099 and automatically adjusts dates for leap years. For binary count
mode, the RTC counts seconds and retains the information as a serial value. Binary count mode
can be used for calendars other than the Gregorian (Western) calendar.
Watchdog Timer (WDT)
The Watchdog Timer (WDT) is a 14-bit down counter that can be used to reset the MCU when
the counter underflows because the system has run out of control and is unable to refresh the
WDT. In addition, the WDT can be used to generate a non-maskable interrupt or an underflow
interrupt.
Independent Watchdog Timer (IWDT)
The Independent Watchdog Timer (IWDT) has a 14-bit down-counter, which resets the MCU
by a reset output when the down-counter underflows. Alternatively, generation of an interrupt
request when the counter underflows can be selected. This enables detection of a program
runaway taking the refresh interval into account. The IWDT has two start modes: auto start
mode, in which counting automatically starts after release from the reset state, and register start
mode, in which counting is started by refreshing (writing to a specific register).
RA8D2 Datasheet
1. Overview
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 4 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com