công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8D2ADDCAC bảng dữ liệu(PDF) 104 Page - Renesas Technology Corp

tên linh kiện R7KA8D2ADDCAC
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2ADDCAC bảng dữ liệu(HTML) 104 Page - Renesas Technology Corp

Back Button R7KA8D2ADDCAC Datasheet HTML 100Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 101Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 102Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 103Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 104Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 105Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 106Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 107Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 292 page
background image
Table 2.47
Power consumption of each unit (External VDD mode) (2 of 2)
Dynamic
current/
Leakage
current
MCU Domain
Categ
ory
Item
Symbol
Frequency
[MHz]
Current
[µA/MHz]
Current
[mA]
Condition
Dynamic
Current
Peripheral Unit
Analog ADC16H (2 units)*2
IDD
125
66.267
8.283
VCL = voltage
range 1
DAC12 (2ch)*2
62.5
0.325
0.020
TSN
62.5
0.115
0.007
ACMPHS (4ch)*2
62.5
0.173
0.011
Huma
n
machi
ne
interfa
ces
GLCDC
IDDIDDIDD
125
24.865
3.108
VCL = voltage
range 1
DRW
250
25.962
6.490
MIPI DSI
125
32.939
4.117
MIPI CSI
125
49.055
6.132
VIN
125
68.358
8.545
CEU
125
18.383
2.298
Event
link
ELC
62.5
5.075
0.317
VCL = voltage
range 1
Securit
y
RSIP-E50D
125
302.444
37.806
VCL = voltage
range 1
DOTF (2ch)*2
62.5
131.817
8.239
Data
proces
sing
CRC
IDD
125
1.455
0.182
VCL = voltage
range 1
DOC
125
0.241
0.030
Syste
m
CAC
IDD
62.5
0.946
0.059
VCL = voltage
range 1
DMA
DMAC0 (per 1ch)
IDD
250
7.278
1.819
VCL = voltage
range 1
DMAC1 (per 1ch)
250
6.858
1.715
DTC0
250
9.077
2.269
DTC1
250
8.716
2.179
Dynamic
Current
FSBL operation
IDD
250
—
81.0
FSBLCLK[2:0]
= 111
200
—
67.0
FSBLCLK[2:0]
= 110
150
—
51.7
FSBLCLK[2:0]
= 101
133
—
47.1
FSBLCLK[2:0]
= 100
Note 1. Regulator and Leak are Internal voltage regulator’s current and MCU’s leakage current.
It is selected according to the temperature of Tj.
Note 2. To determine the current consumption per channel or unit, divide Current [mA] by the number of channels, groups or units.
Table 2.48
Outline of operation for each unit (1 of 2)
Peripheral
Outline of operation
RTC
RTC is operating with LOCO.
GPT
Operating modes is set to saw-wave PWM mode. GPT is operating with PCLKD
POEG
Only clear module stop bit.
PDG
PDG is applying delay of 1/128 times GTCLK period.
AGT
AGT is operating with PCLKB.
ULPT
ULPT is operating with LOCO.
WDT
WDT is operating with PCLKB.
RA8D2 Datasheet
2. Electrical Characteristics
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 104 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com