công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8D2ADLCAC bảng dữ liệu(PDF) 19 Page - Renesas Technology Corp

tên linh kiện R7KA8D2ADLCAC
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2ADLCAC bảng dữ liệu(HTML) 19 Page - Renesas Technology Corp

Back Button R7KA8D2ADLCAC Datasheet HTML 15Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 16Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 17Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 18Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 19Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 20Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 21Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 22Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 292 page
background image
Table 1.15
Pin functions (7 of 7)
Function
Signal
I/O
Description
Analog power
supply
AVCC0
Input
Analog voltage supply pin. This is used as the analog power supply for the
respective modules.
AVSS0
Input
Analog ground pin. This is used as the analog ground for the respective modules.
Supply this pin with the same voltage as the VSS pin.
VREFH
Input
Analog reference voltage supply pin for the ADC16H (unit 1) and D/A Converter.
Connect this pin to AVCC0 when not using the ADC16H (unit 1) and D/A Converter.
VREFL
Input
Analog reference ground pin for the ADC16H and D/A Converter. Connect this pin
to AVSS0 when not using the ADC16H (unit 1) and D/A Converter.
VREFH0
Input
Analog reference voltage supply pin for the ADC16H (unit 0). Connect this pin to
AVCC0 when not using the ADC16H (unit 0).
VREFL0
Input
Analog reference ground pin for the ADC16H. Connect this pin to AVSS0 when not
using the ADC16H (unit 0).
ADC16H
ANxxx
Input
Input pins for the analog signals to be processed by the A/D converter.
ADTRGm
Input
Input pins for the external trigger signals that start the A/D conversion, active-low.
ADSTm
Output AD conversion start
ADmFLAG1
Output AD conversion end
ADSYNC
Output Synchronization signal between units
DAC12
DAn
Output Output pins for the analog signals processed by the D/A converter.
ACMPHS
VCOUT
Output Comparator output pin
IVREFn
Input
Reference voltage input pins for comparator
IVCMPn
Input
Analog voltage input pins for comparator
I/O ports
Pmn
I/O
General-purpose input/output pins (m: port number, n: pin number)
P200
Input
General-purpose input pin
GLCDC
LCD_DATA23 to
LCD_DATA00
Output Data output pins for panel
LCD_TCON3 to
LCD_TCON0
Output Output pins for panel timing adjustment
LCD_CLK
Output Panel clock output pin
LCD_EXTCLK
Input
Panel clock source input pin
MIPI
VCC18_MIPI
Input
Power supply pin
AVCC_MIPI
Input
Analog power supply
VSS_MIPI
Input
Ground pin
MIPI_CL_P
Output DSI/CSI Clock Lane positive pin
MIPI_CL_N
Output DSI/CSI Clock Lane negative pin
MIPI_DL0_P
I/O
DSI/CSI Data Lane 0 positive pin
MIPI_DL0_N
I/O
DSI/CSI Data Lane 0 negative pin
MIPI_DL1_P
Output DSI/CSI Data Lane 1 positive pin
MIPI_DL1_N
Output DSI/CSI Data Lane 1 negative pin
DSI_TE
Input
DSI Tearing Effect pin
CEU
VIO_D15 to VIO_D0
Input
CEU data bus pins
VIO_CLK
Input
CEU clock pins
VIO_VD
Input
CEU vertical sync pins
VIO_HD
Input
CEU horizontal sync pins
VIO_FLD
Input
Field signal pins
RA8D2 Datasheet
1. Overview
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 19 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com