công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NHV4-2DN bảng dữ liệu(PDF) 8 Page - PATLITE CORPORATION.

tên linh kiện NHV4-2DN
Giải thích chi tiết về linh kiện  Network Signal Tower with Voice Annunciator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PATLITE [PATLITE CORPORATION.]
Trang chủ  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

NHV4-2DN bảng dữ liệu(HTML) 8 Page - PATLITE CORPORATION.

Back Button NHV4-2DN Datasheet HTML 3Page - PATLITE CORPORATION. NHV4-2DN Datasheet HTML 4Page - PATLITE CORPORATION. NHV4-2DN Datasheet HTML 5Page - PATLITE CORPORATION. NHV4-2DN Datasheet HTML 6Page - PATLITE CORPORATION. NHV4-2DN Datasheet HTML 7Page - PATLITE CORPORATION. NHV4-2DN Datasheet HTML 8Page - PATLITE CORPORATION. NHV4-2DN Datasheet HTML 9Page - PATLITE CORPORATION. NHV4-2DN Datasheet HTML 10Page - PATLITE CORPORATION. NHV4-2DN Datasheet HTML 11Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
*1 Light reduction is not possible when using LR4/6-E-MZ or WDT-4/6LR-Z2.
*2 Google Chrome is a trademark or registered trademark of Google LLC.
*3 Microsoft Edge is registered trademark of Microsoft Corporation in the United States and other countries.
*4 Text-to-speech synthesis in Chinese is supported only for production after October 2023.
*1 Microsoft Azure is registered trademark of Microsoft Corporation in the United States and other countries.
*2 Amazon Web Services, the "Powered by AWS"logo, and any other AWS trademarks used in such materials
are trademarks of Amazon.com, Inc. or its affiliates in the United States and other countries.
*3 It is possible to play back received text data by performing speech synthesis in real time.
Notification Sounds can be played in combination with before or after a synthesis sound.
with test button of the main body and RSH/SSH command.
USB flash drive can be used to read and written configuration files,
4.4. Main Unit Setting Function
The internal clock in this product can communicate with an NTP server
Network setting in this product can communicate with an DHCP server
Master Volume Setting
Master Volume of Buzzer and Sound can be set
Automatic Network Setting
Time Correction Function
to automatically correct the time.
to automatically set.
Self-test Function
Supported languages
Japanese (Kanji-Kana mixed text), English, Chinese *4
Config Setting
Various settings of the main body can be read and written as setting file.
Event Log
Text-to-speech synthesis
Speech synthesis from text data can be registered as voice data.
USB Flash Drive Function
update firmware, and download Event logs.
Flash Control Setting
Languages supported
on the setting screen
Japanese, English, Traditional Chinese, Sinplified Chinese, Korean, Thai
German, French, Italian, Spanish, Mexican
Standard Action Setting
The color of Signal Tower that lights up after the clear operation is executed can be set.
Main Unit Setting
Various settings of the main body can be done with a web browser.
Supported browsers
Google Chrome *2 Microsoft Edge *3
Connection Settings
Built-in features
Main Unit Control
Signal Tower, Sound *3, Buzzer, Digital Output
Main Unit Status Acquisition
Signal Tower, Sound, Buzzer, Digital Output
Main Unit Status Transmission
Signal Tower, Sound, Buzzer, "Clear" button,
Digital Output, Digital Input
Cloud-to-device Message
AWS IoT Core
Device Shadow, MQTT client
Azure
Connection
Settings
Built-in features
AWS
4.5. Cloud Function
Supported Cloud Platform
Microsoft Azure *1
Amazon Web Services (AWS) *2
Azure IoT Central/DPS, Azure IoT Hub
(IoT Plug and Play)
Device Twin, Direct Method, Device-to-cloud Message,
Drawing No.
Rev.
Page
H
Event logs can be downloaded via web browser and USB flash drive.
The brightness of the LED unit can be reduced.*1
Self test of Signal Tower and buzzer is possible
8/11
NHV6-3-W18



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com