công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M74HCT75TTR bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện M74HCT75TTR
Giải thích chi tiết về linh kiện  4 BIT D TYPE LATCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT75TTR bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  M74HCT75TTR Datasheet HTML 1Page - STMicroelectronics M74HCT75TTR Datasheet HTML 2Page - STMicroelectronics M74HCT75TTR Datasheet HTML 3Page - STMicroelectronics M74HCT75TTR Datasheet HTML 4Page - STMicroelectronics M74HCT75TTR Datasheet HTML 5Page - STMicroelectronics M74HCT75TTR Datasheet HTML 6Page - STMicroelectronics M74HCT75TTR Datasheet HTML 7Page - STMicroelectronics M74HCT75TTR Datasheet HTML 8Page - STMicroelectronics M74HCT75TTR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
September 2001
s
HIGH SPEED :
tPD = 21ns (TYP.) at VCC = 4.5V
s
LOW POWER DISSIPATION:
ICC =2µA(MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS :
VIH = 2V (MIN.) VIL = 0.8V (MAX)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 75
DESCRIPTION
The M74HCT75 is an high speed CMOS 4 BIT D
TYPE LATCH fabricated with silicon gate C2MOS
technology.
It contains two groups of 2 bit latches controlled by
an enable input (G1
•2 or G3•4). These two latch
groups can be used in different circuits. Each latch
has Q and Q outputs (1Q - 4Q and 1Q - 4Q). The
data applied to the data input is transferred to the
Q and Q outputs when the enable input is taken
high and the outputs will follow the data input as
long as the enable input is kept high. When the
enable input is taken low, the information data
applied to the data input is retained at the outputs.
The M74HCT75 is designed to directly interface
HSC2MOS
systems
with
TTL
and
NMOS
components.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HCT75
4 BIT D TYPE LATCH
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HCT75B1R
SOP
M74HCT75M1R
M74HCT75RM13TR
TSSOP
M74HCT75TTR
TSSOP
DIP
SOP


Số phần tương tự - M74HCT75TTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
M74HCT75 STMICROELECTRONICS-M74HCT75 Datasheet
239Kb / 9P
4 BIT D TYPE LATCH
Jan-1993
M74HCT75B1R STMICROELECTRONICS-M74HCT75B1R Datasheet
239Kb / 9P
4 BIT D TYPE LATCH
Jan-1993
M74HCT75C1R STMICROELECTRONICS-M74HCT75C1R Datasheet
239Kb / 9P
4 BIT D TYPE LATCH
Jan-1993
M74HCT75M1R STMICROELECTRONICS-M74HCT75M1R Datasheet
239Kb / 9P
4 BIT D TYPE LATCH
Jan-1993
More results

Mô tả tương tự - M74HCT75TTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
SN54LS375 MOTOROLA-SN54LS375 Datasheet
163Kb / 5P
4-BIT D LATCH
SN54LS75 MOTOROLA-SN54LS75 Datasheet
98Kb / 4P
4-BIT D LATCH
logo
STMicroelectronics
M54HC75 STMICROELECTRONICS-M54HC75 Datasheet
238Kb / 9P
4 BIT D TYPE LATCH
01-Jun-2004
M54HC77 STMICROELECTRONICS-M54HC77 Datasheet
241Kb / 10P
4-BIT D-TYPE LATCH
Oct-1992
M54HCT75 STMICROELECTRONICS-M54HCT75 Datasheet
239Kb / 9P
4 BIT D TYPE LATCH
Jan-1993
M74HC75-1 STMICROELECTRONICS-M74HC75-1 Datasheet
268Kb / 10P
4 BIT D TYPE LATCH
Aug-2001
M74HC75 STMICROELECTRONICS-M74HC75 Datasheet
238Kb / 9P
4 BIT D TYPE LATCH
Dec-1992
M74HC77 STMICROELECTRONICS-M74HC77 Datasheet
241Kb / 10P
4-BIT D-TYPE LATCH
Aug-2001
M54HC75 STMICROELECTRONICS-M54HC75 Datasheet
250Kb / 10P
RAD HARD 4 BIT D TYPE LATCH
01-Jun-2004
logo
Toshiba Semiconductor
TC74HC375AP TOSHIBA-TC74HC375AP Datasheet
318Kb / 9P
4-Bit D Type Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9