| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CWB2000D bảng dữ liệu(PDF) 3 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CWB2000D bảng dữ liệu(HTML) 3 Page - Clarke International |
|
3 / 4 page ![]() 3 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com 2. At each of the rear mountings, attach a leg, with the foot pad downwards using two M8 bolts with each leg, ensuring a flat washer is used with the nut. Nip up the nuts - DO NOT fully tighten. 3. Attach the front legs in a similar manner using M8 bolts with nuts and flat washers. DO NOT fully tighten. 4. Position the shelf between the legs, using an assistant, and bolt it to the legs, using M8 bolts with nuts and flat washers. DO NOT fully tighten the nuts. NOTE The tray will only fit one way round. 5. Finally, turn the workbench on to its feet on a flat, even surface and shake it vigorously to ensure it is completely stable and resting evenly on all four legs, then fully tighten all nuts. 6. Slot the single drawer into place in the ball bearing draw runners. 7. If a CD3WB 3-drawer unit is purchased, this can be slotted into place on the spare runners. |