| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DLS200AL bảng dữ liệu(PDF) 7 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
DLS200AL bảng dữ liệu(HTML) 7 Page - Clarke International |
|
7 / 16 page ![]() Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com 7 MAINTENANCE If detergents have been used, it is important to flush the system with clean water for a few minutes after use. If there is a danger of freezing, anti freeze should be mixed with the flush water, or the system must be completely drained. After the final flush, stop the engine; do not allow it to idle for longer than 15 seconds. STORAGE Store in an upright position, completely drained of water, in a dry location. ENGINE Refer to the engine handbook and service accordingly. NOTE: Engine oil should be checked regularly. PUMP Change the oil after the first 50 hours of service and every 500 hours thereafter. DO NOT attempt to carry out any mechanical repairs yourself. Please contact your CLARKE dealer for servicing and repairs. |