công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8M2AFECHC bảng dữ liệu(PDF) 267 Page - Renesas Technology Corp

tên linh kiện R7KA8M2AFECHC
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFECHC bảng dữ liệu(HTML) 267 Page - Renesas Technology Corp

Back Button R7KA8M2AFECHC Datasheet HTML 263Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 264Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 265Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 266Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 267Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 268Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 269Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 270Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 295 page
background image
tPCFG (Typ) = 6.146/FMRPCLK + 0.3133 [msec], tPCFG (Max) = 266.5/FMRPCLK + 6.331 [msec] for normal program mode.
tPCFG (Typ) = 5.184/FMRPCLK + 0.02754 [msec], tPCFG (Max) = 267.5/FMRPCLK + 6.025 [msec] for high speed program mode.
Note 6. Read and program operations for the extra MRAM cannot be executed simultaneously. This value is for independent program
operation without arbitration between read and program.
Note 7. The update cycle is the number of a configuration set command that can be issued configuration area. Programming the same data
to the same address also increases the update cycle count by one.
2.15.3
Option Setting Memory (OTP area with ECC) Characteristics
Table 2.118
Option setting memory (OTP area with ECC) characteristics
Parameter
MRPCLK = 125
MHz
MRPCLK = 100
MHz
MRPCLK = 75
MHz
MRPCLK = 66
MHz
Min
Typ
*1
Max Min
Typ
*1
Max Min
Typ
*1
Max Min
Typ
*1
Max
Programming
time of 16-
byte*3 *4
Normal
speed
write
mode
(MWMCR.
MWM[1:0]
= 00)
tOTP
E
—
8.05
*2
113
—
8.05
*2
113
—
8.05
*2
113
—
8.05
*2
113
ms
—
High
speed
write
mode 0
(MWMCR.
MWM[1:0]
= 01)
—
4.03
*2
56.7 —
4.03
*2
56.7 —
4.03
*2
56.7 —
4.03
*2
56.7 ms
—
High
speed
write
mode 1
(MWMCR.
MWM[1:0]
= 10)
—
0.22
9*2
3.14 —
0.22
9*2
3.14 —
0.22
9*2
3.14 —
0.22
9*2
3.14 ms
—
Note 1. The reference value at VCC = 3.3 V and room temperature.
Note 2. Perform rewrite 50% of bits at Typ. condition.
Note 3. To calculate the updating time at other frequencies, using approximate formula below listed. (FMRPCLK: frequency of MRPCLK
[MHz])
tOTPE (Typ) = 0.5065/FMRPCLK + 8.123 [ms], tOTPE (Max) = 4.433/FMRPCLK + 114.1 [ms] for normal speed mode.
tOTPE (Typ) = 0.3389/FMRPCLK + 4.067 [ms], tOTPE (Max) = 2.428/FMRPCLK + 57.08 [ms] for high speed mode 0.
tOTPE (Typ) = 0.1458/FMRPCLK + 0.2312 [ms], tOTPE (Max) = 0.3904/FMRPCLK + 3.166 [ms] for high speed mode 1.
Note 4. Read and program operations for the extra MRAM cannot be executed simultaneously. This value is for independent program
operation without arbitration between read and program.
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 267 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com