công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8M2AFECAC bảng dữ liệu(PDF) 251 Page - Renesas Technology Corp

tên linh kiện R7KA8M2AFECAC
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFECAC bảng dữ liệu(HTML) 251 Page - Renesas Technology Corp

Back Button R7KA8M2AFECAC Datasheet HTML 247Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 248Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 249Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 250Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 251Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 252Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 253Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 254Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 255Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 295 page
background image
Table 2.99
A/D conversion characteristics (Oversampling mode and Hybrid mode) (3)
Conditions: AVCC: 1.62 to 2.7 V, VCC: 1.62 to 2.7 V, VREFH0/VREFH: 1.62 V to AVCC
Parameter
Min Typ Max Unit Test conditions
Oversampling
mode and Hybrid
mode
Sinc
filter
Single-ended
input
(AN000 to
AN005)
(AN006 to
AN011)
(AN012 to
AN015)
SNDR signal-
to-noise and
distortion
ratio
—
74
—
dB
● ADCLK: 50 MHz
● Sampling time:
– High-speed channels (Oversampling
mode): 22 ADCLK
– High-speed channels (Hybrid mode): 40
ADCLK
– Middle-speed channels (Oversampling
mode): 28 ADCLK
– Middle-speed channels (Hybrid mode):
60 ADCLK
● Successive approximation time: 10 ADCLK
● Signal source impedance: 50 Ω or less
● Input frequency:
– Oversampling mode: 5 kHz
– Hybrid mode: 5 kHz
● Without channel dedicated sample and hold
circuits
ENOB
effective
number of
bits
—
12
—
bit
Differential input
(AN000 to
AN005)
(AN006 to
AN011)
SNDR signal-
to-noise and
distortion
ratio
—
80
—
dB
ENOB
effective
number of
bits
—
13
—
bit
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 251 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com