công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8M2AFECAC bảng dữ liệu(PDF) 215 Page - Renesas Technology Corp

tên linh kiện R7KA8M2AFECAC
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFECAC bảng dữ liệu(HTML) 215 Page - Renesas Technology Corp

Back Button R7KA8M2AFECAC Datasheet HTML 211Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 212Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 213Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 214Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 215Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 216Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 217Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 218Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 295 page
background image
Table 2.81
ESWM timing (GMII)
Conditions:
1. Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register for the following pins: ETn_MDC, ETn_MDIO.
2. The drive capacity selection and voltage range for pins other than ETn_MDC, ETn_MDIO.
● GMII use at 2.5 V: RGMII 2.50V drive select, VCC = 2.3 to 2.7
● GMII use at 3.3 V: RGMII 3.30V drive select, VCC = 3.0 to 3.6
Parameter
Symbol
VCC
Min
Max
Unit
Test
conditions
ESWM (GMII) ETn_GTX_CLK Frequency
tFREQ
2.30 V to 3.60
V
125 - 100 ppm 125 + 100
ppm
MHz
Figure 2.115
Figure 2.116
ETn_GTX_CLK Period
tPERIOD
7.5
8.5
ns
ETn_RX_CLK Period
tPERIOD
7.5
—
ns
ETn_GTX_CLK, ETn_RX_CLK
Time High
tHIGH
2.5
—
ns
ETn_GTX_CLK, ETn_RX_CLK
Time Low
tLOW
2.5
—
ns
ETn_GTX_CLK, ETn_RX_CLK
Rise Time
tR
—
1
ns
ETn_GTX_CLK, ETn_RX_CLK
Fall Time
tF
—
1
ns
Magnitude of ETn_GTX_CLK,
ETn_RX_CLK Slew Rate
(rising)*1
—
0.6
—
V/ns
Magnitude of ETn_GTX_CLK,
ETn_RX_CLK Slew Rate
(falling)*1
—
0.6
—
V/ns
ETn_TXD, ETn_TX_EN,
ETn_TX_ER Setup to
↑ETn_GTX_CLK and
ETn_RXD, ETn_RX_DV,
ETn_RX_ER Setup to ↑
ETn_RX_CLK
tSETUP
2.5
—
ns
ETn_TXD, ETn_TX_EN,
ETn_TX_ER Hold from
↑ ETn_GTX_CLK and
ETn_RXD, ETn_RX_DV,
ETn_RX_ER Hold from ↑
ETn_RX_CLK
tHOLD
0.5
—
ns
ETn_TXD, ETn_TX_EN,
ETn_TX_ER Setup to
↑ ETn_GTX_CLK and
ETn_RXD, ETn_RX_DV,
ETn_RX_ER Setup to ↑
ETn_RX_CLK
tSETUP(RCVR)
2
—
ns
TXD, TX_EN, TX_ER,
ETn_TX_ER Hold from ↑
GTX_CLK and RXD, RX_DV,
RX_ER Hold from ↑ RX_CLK
tHOLD(RCVR)
0
—
ns
Note 1. Clock Skew rate is the instantaneous rate of change of the clock potential with respect to time (dV/dt), not an average value
over the entire rise or fall time interval. Conformance with this specification guarantees that the clock signals will rise and fall
monotonically through the switching region.
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 215 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com