công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8M2AFECAB bảng dữ liệu(PDF) 268 Page - Renesas Technology Corp

tên linh kiện R7KA8M2AFECAB
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFECAB bảng dữ liệu(HTML) 268 Page - Renesas Technology Corp

Back Button R7KA8M2AFECAB Datasheet HTML 264Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 265Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 266Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 267Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 268Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 269Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 270Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 271Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 272Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 295 page
background image
2.15.4
Option Setting Memory (OTP area without ECC) Characteristics
Table 2.119
Option Setting Memory (OTP area without ECC) Characteristics
Parameter
MRPCLK = 125
MHz
MRPCLK = 100
MHz
MRPCLK = 75
MHz
MRPCLK = 66
MHz
Min
Typ
*1
Max Min
Typ
*1
Max Min
Typ
*1
Max Min
Typ
*1
Max
Programming
time of 16-
byte*3 *4
Normal
speed
write
mode
(MWMCR.
MWM[1:0]
= 00)
tOTP
ENE
—
14.1
*2
200 —
14.1
*2
200 —
14.1
*2
200 —
14.1
*2
200 ms
—
High
speed
write
mode 0
(MWMCR.
MWM[1:0]
= 01)
—
7.07
*2
100 —
7.07
*2
100 —
7.07
*2
100 —
7.07
*2
100 ms
—
High
speed
write
mode 1
(MWMCR.
MWM[1:0]
= 10)
—
0.45
8*2
6.28 —
0.45
8*2
6.28 —
0.45
8*2
6.28 —
0.45
8*2
6.28 ms
—
Note 1. The reference value at VCC = 3.3 V and room temperature.
Note 2. Perform rewrite 50% of bits at Typ. condition.
Note 3. To calculate the updating time at other frequencies, using approximate formula below listed. (FMRPCLK: frequency of MRPCLK
[MHz])
tOTPENE (Typ) = 0.8486/FMRPCLK + 14.25 [ms], tOTPENE (Max) = 7.711/FMRPCLK + 201.5 [ms] for normal speed mode.
tOTPENE (Typ) = 0.5479/FMRPCLK + 7.133 [ms], tOTPENE (Max) = 4.148/FMRPCLK + 100.8 [ms] for high speed mode 0.
tOTPENE (Typ) = 0.2571/FMRPCLK + 0.4627 [ms], tOTPENE (Max) = 0.7401/FMRPCLK + 6.333 [ms] for high speed mode 1.
Note 4. Read and program operations for the extra MRAM cannot be executed simultaneously. This value is for independent program
operation without arbitration between read and program.
2.15.5
MACI Command Characteristics
Table 2.120
MACI command Characteristics
Parameter
MRPCLK = 125
MHz
MRPCLK = 100
MHz
MRPCLK = 75
MHz
MRPCLK = 66
MHz
Min
Typ
*1
Max Min
Typ
*1
Max Min
Typ
*1
Max Min
Typ
*1
Max
Command time for forced
stop command*2
tFS
—
—
3.35 —
—
3.38 —
—
3.47 —
—
3.7
µs
—
Command time for
increment counter*2
tINC
C
—
0.25
2
1.61 —
0.25
2
1.61 —
0.25
2
1.61 —
0.25
2
1.61 ms
—
Command time for read
counter*2
tRD
C
—
—
0.15
6
—
—
0.18
2
—
—
0.24
3
—
—
0.27
6
µs
—
Note 1. The reference value at VCC = 3.3 V and room temperature.
Note 2. To calculate the updating time at other frequencies, using approximate formula below listed. (FMRPCLK: frequency of MRPCLK
[MHz])
tFS (Max) = 38.62/FMRPCLK + 3.155 [us]
tINCC (Typ) = 0.3348/FMRPCLK + 0.2533 [msec], tINCC (Max) = 0.8698/FMRPCLK + 1.62 [msec]
tRDC (Max) = 19.13/FMRPCLK + 0.004099 [usec]
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 268 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com