công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8M2AFECAB bảng dữ liệu(PDF) 264 Page - Renesas Technology Corp

tên linh kiện R7KA8M2AFECAB
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFECAB bảng dữ liệu(HTML) 264 Page - Renesas Technology Corp

Back Button R7KA8M2AFECAB Datasheet HTML 260Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 261Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 262Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 263Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 264Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 265Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 266Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 267Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 295 page
background image
Table 2.114
Battery backup function characteristics (2 of 2)
Conditions: VCC = VCC_DCDC = VCC_USB = 1.62 to 3.63 V, VBATT = 1.62 to 3.63 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Backup domain power-down detection level
VPDR (BATR)
1.43
1.47
1.52
V
Figure 2.148
Time delay in assertion of the reset signal for
the backup domain*3
tp (PDRL)
—
—
2000
µs
Time delay in negation of the reset signal for the
backup domain
tp (PDRH)
—
—
3000
VBATT monitor operation stabilization time
(after VBATTMNSELR.VBTMNSEL is changed
to 1)
tMONWT
—
—
4.2
µs
—
VBATT voltage monitor level
VMONBATT
—
VBATT
/ 6
—
V
—
VBATT current increase (when
VBATTMNSELR.VBTTMNSEL is 1 compared to
the case that VBATTMNSELR.VBTTMNSEL is
0)
IVBATTSELB
—
1.35
2.00
µA
—
VCC current increase (when
VBATTMNSELR.VBTTMNSEL is 1 compared to
the case that VBATTMNSELR.VBTTMNSEL is
0)
IVBATTSELC
—
15
25
µA
—
Note 1. The VCC-off period for starting power supply switching indicates the period in which VCC is below the minimum value of the voltage
level for switching to battery backup (VDETBATT).
In addition, this period indicates the time tVOFFP when VCC is below the minimum value of voltage detection levels VPOR1.
Note 2. Stable time when VBTBPCR2.VDETLVL is changed or VBTBPCR1. BPWSWSTP is changed from 1 to 0.
Note 3. When the VBATT_R recovers within this period, the backup domain reset signal may not be generated.
VCC
tVOFFBATT
VDETBATT
VBATTSW
VBATT
VCC supply
VBATT supply
VCC supply
Backup power area
Figure 2.147
Battery backup function characteristics
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 264 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com