công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8M2ADECAC bảng dữ liệu(PDF) 242 Page - Renesas Technology Corp

tên linh kiện R7KA8M2ADECAC
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC bảng dữ liệu(HTML) 242 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 238Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 239Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 240Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 241Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 242Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 243Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 244Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 245Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 295 page
background image
Table 2.95
A/D conversion characteristics (SAR mode : DCDC mode) (1 of 4)
Conditions: AVCC: 1.62 to 2.7 V, VCC: 1.62 to 2.7 V, VREFH0/VREFH: 1.62 V to AVCC
Parameter
Min
Typ
Max
Unit
Test conditions
SAR
mode
Resolution
—
—
12
bit
—
SAR
mode
Single-ended
input
Normal mode
High-speed
channels
(AN000 to
AN005)
(AN006 to
AN011)
Without
channel
dedicated
sample and
hold circuits
Conversion
time*1
0.64
—
—
µs
● ADCLK: 50 MHz
● Sampling time: 22 ADCLK
● Successive approximation time:
10 ADCLK
● Signal source impedance: 50 Ω
or less
Offset error
—
±3
±6.5
LSB
BGA package
—
±3
±8
LSB
LQFP package
Full-scale
error
—
±3
±6.5
LSB
BGA package
—
±3
±8
LSB
LQFP package
Absolute
accuracy
—
±5.5
±11
LSB
BGA package
—
±5.5
±15
LSB
LQFP package
DNL
differential
nonlinearity
error *2
—
±1
-1 to
+1.5
LSB
BGA package
—
±1
-1 to
+2.0
LSB
LQFP package
INL integral
nonlinearity
error
—
±2
±3
LSB
BGA package
—
±2
±3.5
LSB
LQFP package
SAR
mode
Single-ended
input
High
accuracy
mode
High-speed
channels
(AN000 to
AN005)
(AN006 to
AN011)
Without
channel
dedicated
sample and
hold circuits
Conversion
time*1
1
—
—
µs
● ADCLK: 50 MHz
● Sampling time: 40 ADCLK
● Successive approximation time:
10 ADCLK
● Signal source impedance: 50 Ω
or less
Offset error
—
±1.5
±4.5
LSB
BGA package
—
±1.5
±5
LSB
LQFP package
Full-scale
error
—
±1.5
±4.5
LSB
BGA package
—
±1.5
±5
LSB
LQFP package
Absolute
accuracy
—
±5.0
±8
LSB
BGA package
—
±5.0
±11
LSB
LQFP package
DNL
differential
nonlinearity
error *2
—
±1
-1 to
+1.5
LSB
BGA package
—
±1
-1 to
+1.5
LSB
LQFP package
INL integral
nonlinearity
error
—
±2
±3
LSB
BGA package
—
±2
±3.5
LSB
LQFP package
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 242 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com