công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8M2ADECAC bảng dữ liệu(PDF) 189 Page - Renesas Technology Corp

tên linh kiện R7KA8M2ADECAC
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC bảng dữ liệu(HTML) 189 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 185Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 186Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 187Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 188Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 189Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 190Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 191Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 192Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 295 page
background image
Table 2.68
IIC timing (1)-2
Setting of the I3C_SCL0, I3C_SDA0 pins are not required with the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
VCC
Min
Max
Unit
IIC
(Fast-mode)
SCL input cycle time
tSCL
2.70 V or above,
1.65 to 1.95 V
10 (18) × tI3Ccyc + 600
—
ns
SCL input high pulse
width
tSCLH
2.70 V or above,
1.65 to 1.95 V
5 (9) × tI3Ccyc + 300
—
ns
SCL input low pulse width tSCLL
2.70 V or above,
1.65 to 1.95 V
5 (9) × tI3Ccyc + 300
—
ns
SCL, SDA rise time
tSr
2.70 V or above,
1.65 to 1.95 V
20
300
ns
SCL, SDA fall time
tSf
2.70 V or above,
1.65 to 1.95 V
20 × (external pull-up
voltage/3.6 V)
300
ns
SCL, SDA input spike
pulse removal time
tSP
2.70 V or above,
1.65 to 1.95 V
0
1 (4) × tI3Ccyc
ns
SDA input bus free time
when wakeup function is
disabled
tBUF
2.70 V or above,
1.65 to 1.95 V
5 (9) × tI3Ccyc + 300
—
ns
SDA input bus free time
when wakeup function is
enabled
2.70 V or above,
1.65 to 1.95 V
5(9) × tI3Ccyc + 4 × tTcyc +
300
—
ns
START condition input
hold time when wakeup
function is disabled
tSTAH
2.70 V or above,
1.65 to 1.95 V
tI3Ccyc + 300
—
ns
START condition input
hold time when wakeup
function is enabled
2.70 V or above,
1.65 to 1.95 V
1(5) × tI3Ccyc + tTcyc + 300 —
ns
Repeated START
condition input setup time
tSTAS
2.70 V or above,
1.65 to 1.95 V
300
—
ns
STOP condition input
setup time
tSTOS
2.70 V or above,
1.65 to 1.95 V
300
—
ns
Data input setup time
tSDAS
2.70 V or above,
1.65 to 1.95 V
tI3Ccyc + 50
—
ns
Data input hold time
tSDAH
2.70 V or above,
1.65 to 1.95 V
0
—
ns
SCL, SDA capacitive load Cb*1
2.70 V or above,
1.65 to 1.95 V
—
400
pF
Note:
tI3Ccyc: I3C internal reference clock (I3Cφ) cycle, tTcyc: TCLK cycle.
Note:
Values in parentheses apply when INCTL.DNFS[3:0] is set to 0011b while the digital filter is enabled with INCTL.DNFE set to 1.
Note 1. Cb indicates the total capacity of the bus line.
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 189 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com