công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8M2ADECAC bảng dữ liệu(PDF) 132 Page - Renesas Technology Corp

tên linh kiện R7KA8M2ADECAC
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC bảng dữ liệu(HTML) 132 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 128Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 129Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 130Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 131Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 132Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 133Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 134Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 135Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 295 page
background image
2.3.6
Bus Timing
Table 2.56
Bus timing (1 of 3)
Condition 1: When using the CS area controller (CSC).
VCC = VCC_DCDC = VBATT = 1.62 V to 3.6 V, VCC2 = 1.62 V to 3.63 V
BCLK = 8 to 120 MHz, BCLKA = 8 to 120 MHz, EBCLK = 8 to 60 MHz (When VCC = VCC_USB = VBATT = 2.70 to 3.63 V)
BCLK = BCLKA = 8 to 60 MHz, EBCLK = 8 to 30 MHz (When VCC = VCC_USB = VBATT = 1.62 to 3.63 V)
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, C = 30 pF
EBCLK: High drive output is selected in the port drive capability bit in the PmnPFS register.
Others: Middle drive output is selected in the port drive capability bit in the PmnPFS register.
Condition 2: When using the SDRAM area controller (SDRAMC).
BCLK = SDCLK = 8 to 125 MHz, BCLKA = SDCLK = 8 to 133 MHz
VCC = VCC_DCDC = VBATT = 3.0 to 3.63 V, VCC2 = 1.62 V to 3.63V
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, C = 15 pF
SDCLK: High-speed high drive output is selected in the port drive capability bit in the PmnPFS register.
Others: High drive output is selected in the port drive capability bit in the PmnPFS register.
Condition 3: When using the SDRAM area controller (SDRAMC) and CS area controller (CSC) simultaneously.
BCLK = SDCLK = 8 to 66 MHz, BCLKA = SDCLK = 8 to 66 MHz
VCC = VCC_DCDC = VBATT = 3.0 to 3.63 V, VCC2 = 1.62 V to 3.63V
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, C = 15 pF
EBCLK/SDCLK: High drive output is selected in the port drive capability bit in the PmnPFS register.
Others: Middle drive output is selected in the port drive capability bit in the PmnPFS register.
Parameter
Condition
VCC/VCC2
Symbol
Min
Max
Unit
Test conditions
Address delay
Condition1
2.70 V or above
tAD
1.0
12.5
ns
Figure 2.38 to Figure
2.44
1.62 V or above
1.0
12.5
ns
Condition3
3.0 V or above
1.0
10.8
ns
Byte control delay
Condition1
2.70 V or above
tBCD
1.0
12.5
ns
1.62 V or above
1.0
12.5
ns
Condition3
3.0 V or above
1.0
10.8
ns
CS delay
Condition1
2.70 V or above
tCSD
1.0
12.5
ns
1.62 V or above
1.0
12.5
ns
Condition3
3.0 V or above
1.0
10.8
ns
ALE delay time
Condition1
2.70 V or above
tALED
1.0
12.5
ns
1.62 V or above
1.0
12.5
ns
Condition3
3.0 V or above
1.0
10.8
ns
RD delay
Condition1
2.70 V or above
tRSD
1.0
12.5
ns
1.62 V or above
1.0
12.5
ns
Condition3
3.0 V or above
1.0
10.8
ns
Read data setup
time
Condition1
2.70 V or above
tRDS
12.5
—
ns
1.62 V or above
20.5
—
ns
Condition3
3.0 V or above
10.8
—
ns
Read data hold time
Condition1
2.70 V or above
tRDH
0
—
ns
1.62 V or above
0
—
ns
Condition3
3.0 V or above
0
—
ns
WR/WRn delay
Condition1
2.70 V or above
tWRD
1.0
12.5
ns
1.62 V or above
1.0
12.5
ns
Condition3
3.0 V or above
1.0
10.8
ns
Write data delay
Condition1
2.70 V or above
tWDD
—
12.5
ns
1.62 V or above
—
12.5
ns
Condition3
3.0 V or above
1.0
10.8
ns
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 132 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com