| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R7KA8M2ADECAC bảng dữ liệu(PDF) 290 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7KA8M2ADECAC bảng dữ liệu(HTML) 290 Page - Renesas Technology Corp |
|
290 / 295 page ![]() Appendix 4. Notes for Register R/W ● A secure bus master issues a secure access using an address marked as secure by IDAU/SAU or MSAU ● A secure bus master issues a non-secure access using an address marked as non-secure by IDAU/SAU or MSAU ● A non-secure bus master issues a non-secure access using an address marked as non-secure by IDAU/SAU or MSAU. Table A4.1 Type of register notes (S-TYPE) TYPE UM description S-TYPE-1 Only Secure access can write to this register. Read access is always allowed. Non-secure write access is ignored, but TrustZone access error is not generated. S-TYPE-2 Read access is always allowed If the security attribution is configured as Secure: ● Secure write access is allowed ● Non-secure write access is ignored, but TrustZone access error is not generated. If the security attribution is configured as Non-secure: ● Secure write access is ignored, but TrustZone access error is not generated ● Non-secure access is allowed. S-TYPE-3 If the security attribution is configured as Secure: ● Secure access is allowed ● Non-secure write access is ignored and Non-secure read access is read as 0, TrustZone access error is generated. If the security attribution is configured as Non-secure: ● Secure write access is ignored and Secure read access is read as 0, TrustZone access error is generated ● Non-secure access is allowed. S-TYPE-4 If the security attribution is configured as Secure: ● Secure access is allowed ● Non-secure write access is ignored and Non-secure read access is read as 0, but TrustZone access error is not generated. If the security attribution is configured as Non-secure: ● Secure write access is ignored and Secure read access is read as 0, but TrustZone access error is not generated ● Non-secure access is allowed. S-TYPE-5 Access is always allowed. S-TYPE-6 Secure access is allowed. Non-secure write access is ignored, and Non-secure read access is read as 0, TrustZone access error is generated. S-TYPE-7 Secure write access is ignored, and Secure read access is read as 0, TrustZone access error is generated. Non-secure access is allowed. Note: A non-secure bus master does NOT issue any access using an address marked as secure by IDAU/SAU or MSAU. Table A4.2 Type of register notes (P-TYPE) TYPE UM description P-TYPE-1 Privileged write access is allowed. Read access is always allowed. Unprivileged write access is ignored, but TrustZone access error is not generated. P-TYPE-2 Privileged access is allowed. Unprivileged write access is ignored, and Unprivileged read access is read as 0, TrustZone access error is generated. P-TYPE-3 If the privilege attribution is configured as Privileged: ● Privileged access is allowed ● Unprivileged write access is ignored and Unprivileged read access is read as 0, TrustZone access error is generated. If the privilege attribution is configured as Unprivilege: ● Privileged access and Unprivileged access are allowed. P-TYPE-4 If the privilege attribution is configured as Privileged: ● Privileged access is allowed ● Unprivileged write access is ignored and Unprivileged read access is read as 0, TrustZone access error is not generated. If the privilege attribution is configured as Unprivilege: ● Privileged access and Unprivileged access are allowed. P-TYPE-5 Access is always allowed. RA8M2 Datasheet Appendix 4. Notes for Register R/W R01DS0438EJ0130 Rev.1.30 Feb 27, 2026 Page 290 of 295 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |