công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8M2ADLCAB bảng dữ liệu(PDF) 83 Page - Renesas Technology Corp

tên linh kiện R7KA8M2ADLCAB
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADLCAB bảng dữ liệu(HTML) 83 Page - Renesas Technology Corp

Back Button R7KA8M2ADLCAB Datasheet HTML 79Page - Renesas Technology Corp R7KA8M2ADLCAB Datasheet HTML 80Page - Renesas Technology Corp R7KA8M2ADLCAB Datasheet HTML 81Page - Renesas Technology Corp R7KA8M2ADLCAB Datasheet HTML 82Page - Renesas Technology Corp R7KA8M2ADLCAB Datasheet HTML 83Page - Renesas Technology Corp R7KA8M2ADLCAB Datasheet HTML 84Page - Renesas Technology Corp R7KA8M2ADLCAB Datasheet HTML 85Page - Renesas Technology Corp R7KA8M2ADLCAB Datasheet HTML 86Page - Renesas Technology Corp R7KA8M2ADLCAB Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 295 page
background image
Table 2.35
Coremark and normal mode current, CPU0 Deep Sleep, CPU1 active. (DCDC mode and External VDD
mode) (1 of 2)
Parameter
Symbol Typ
Max
Uni
t
Test conditions
95 °C 105
°C
125
°C
Supply
current*1
*2
CPUCLK1 =
250 MHz
VSCR_1
VCL =
voltage
range 1
Coremark
Cache on
IDD
215 —
—
—
μA/
MH
z
CPU0 = Deep Sleep
ESWM power domain off
CPUCLK0 = 1 GHz, MRICLK
= 250 MHz, MRPCLK =
15.6 MHz, ICLK = 250 MHz,
PCLKA = 15.6 MHz, PCLKB
= 15.6 MHz, PCLKC = 15.6
MHz, PCLKD = 15.6 MHz,
PCLKE = 15.6 MHz, BCLK =
15.6 MHz
Cache off,
executing from
ITCM
197 —
—
—
Cache off,
executing from
SRAM
194 —
—
—
Cache off,
executing from
MRAM
268 —
—
—
Normal
mode
All peripheral
disabled, Cache
on, while (1) code
201 —
—
—
All peripheral
disabled, Cache
off, while (1) code
executing from
MRAM
264 —
—
—
CPUCLK1 =
200 MHz
VSCR_1
VCL =
voltage
range 1
Coremark
Cache on
236 —
—
—
μA/
MH
z
CPU0 = Deep Sleep
ESWM power domain off
CPUCLK0 = 800 MHz,
MRICLK = 200 MHz, MRPCLK
= 12.5 MHz, ICLK = 200 MHz,
PCLKA = 12.5 MHz, PCLKB
= 12.5 MHz, PCLKC = 12.5
MHz, PCLKD = 12.5 MHz,
PCLKE = 12.5 MHz, BCLK =
12.5 MHz
Cache off,
executing from
ITCM
218 —
—
—
Cache off,
executing from
SRAM
215 —
—
—
Cache off,
executing from
MRAM
299 —
—
—
Normal
mode
All peripheral
disabled, Cache
on, while (1) code
222 —
—
—
All peripheral
disabled, Cache
off, while (1) code
executing from
MRAM
297 —
—
—
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 83 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com