công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

G90VBK bảng dữ liệu(PDF) 1 Page - KITAGAWA GmbH

tên linh kiện G90VBK
Giải thích chi tiết về linh kiện  Shock-absorbing damper GEL with flame retardant UL94V-0.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KGS [KITAGAWA GmbH]
Trang chủ  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

G90VBK bảng dữ liệu(HTML) 1 Page - KITAGAWA GmbH

  G90VBK Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
New Products Bulletin
S64-R001E
● The specifications are for reference only, and not a guarantee. Information may change without notice.
● Any reprinting or copying of content in this document is prohibited without our prior consent.
● Extremely low-hardness material enables higher
absorbing performance for equipment and components
with higher damping performance from the lower frequency.
● Silicone-free, no siloxane outgassing.
● It is UL94V-0 certified product.
Shock-absorbing damper GEL with
flame retardant UL94V-0.
KG-GEL 90VBK SHEET / G90VBK
■ Product structure
Release paper
Non-adhesive layer
(PET film)
■ Properties
A(mm)
1.0
2.0
3.0
4.0
5.0
Part No.
G90VBK-1.0TC1
G90VBK-2.0TC1
G90VBK-3.0TC1
G90VBK-4.0TC1
G90VBK-5.0TC1
KG-GEL
Double-sided adhesive
tape
0.1
1
10
10
100
1000
Frequency[Hz]
<Testing condition>
Sample:□5mm, t=3mm
Load:400g
Support point number:Four point mounting
Acceleration:0.4G
Temperature:23℃
※1) UL94V-0 flame retardant is certified with product thickness of 1.5mm and over.
※2) Please contact us for available pcs/sheet.
Liner
Unit
−
−
ASKER FP
−
MPa
%
−
℃
Hz
−
Hz
Standard
−
−
−
−
JIS K6251
JIS K6251
UL94
−
−
−
−
G90VBK
TPS(YMG-90V-BK)
Black
91
1.08
0.41
292
V-0※1
−20 ∼ 85
34.6
0.39
56.1
Flammability
Available max.
dimension.※2
297×205
−
mm
−
−
2.7
Category
Material
Color
Hardness
Specific gravity
Tensile strength
Elongation
Operating temperature
Resonance frequency
Loss Factor
Crossover frequency
Maximum vibration
transmissibility


Số phần tương tự - G90VBK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Global Mixed-mode Techn...
G9001 GMT-G9001 Datasheet
45Kb / 2P
500mA Low-Dropout Linear Regulators
logo
Omron Electronics LLC
G90010T OMRON-G90010T Datasheet
2Mb / 17P
G-SERIES SERVO SYSTEM
logo
Global Mixed-mode Techn...
G9002 GMT-G9002 Datasheet
58Kb / 2P
300mA Low-Dropout Linear Regulators
logo
Goford Semiconductor
G900N10T GOFORD-G900N10T Datasheet
914Kb / 6P
N-Channel Enhancement Mode Power MOSFET
G900P15D5 GOFORD-G900P15D5 Datasheet
950Kb / 6P
P-Channel Enhancement Mode Power MOSFET
More results

Mô tả tương tự - G90VBK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
SAA7346 PHILIPS-SAA7346 Datasheet
113Kb / 24P
Shock absorbing RAM addresser
July 1994
logo
FCI connector
73542 FCI-CONNECTOR-73542 Datasheet
178Kb / 2P
HOUSING MATERIAL: GLASS FILLED THERMOPLASTIC FLAME RETARDANT PER UL 94V-0
87021 FCI-CONNECTOR-87021 Datasheet
232Kb / 3P
HOUSING MATERIAL: GLASS FILLED THERMOPLASTIC FLAME RETARDANT PER UL94V-0
logo
List of Unclassifed Man...
1591GFLBK ETC2-1591GFLBK Datasheet
235Kb / 1P
FLAME RETARDANT ABS
logo
EPCOS
B82422T1224K EPCOS-B82422T1224K Datasheet
486Kb / 9P
Flame-retardant molding
logo
Kersemi Electronic Co.,...
2S2M KERSEMI-2S2M Datasheet
1Mb / 4P
Employs flame-retardant epoxy resin
3P4MH KERSEMI-3P4MH Datasheet
922Kb / 4P
Employs flame-retardant epoxy resin UL94V-0
logo
Ohmite Mfg. Co.
RES-MX OHMITE-RES-MX Datasheet
140Kb / 1P
Flame retardant silicone
logo
Shanghai Leiditech Elec...
HL16-400H LEIDITECH-HL16-400H Datasheet
279Kb / 1P
Encapsulation material: flame-retardant epoxy powder, in line with UL94V-0 requirements
logo
T-Global Technology
TG-LH-FBPE-80U-1 TGLOBAL-TG-LH-FBPE-80U-1 Datasheet
513Kb / 1P
Flame Retardant Potting Epoxy
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com