| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CSG14K_CSG8K bảng dữ liệu(PDF) 7 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CSG14K_CSG8K bảng dữ liệu(HTML) 7 Page - ams-OSRAM AG |
|
7 / 114 page ![]() Document Feedback CSG14K_CSG8K Pin Assignment Datasheet • PUBLIC DS000571 • v2-01 • 2023-Feb-10 113 │ 6 3 Pin Assignment 3.1 Pin Diagram Figure 3: Pin Diagram The center 8×8 pads have no functional use (internally not connected (NC)) and should be used for improved thermal conductance from the sensor to the camera. The four large corner pads are internally NC and needed for solderability. 3.2 Pin Description Figure 4: Pin Description of CSG14K_CSG8K Pin Number Pin Name Pin Type(1) Description C7, M2, S2, S7 VDD33 S Analog supply K1, K17, K18, K2, L1, L17, L18, L2, N17, O17 VSS33 G Analog ground C1, C2, S1 VDD33D S IO supply J1, J2, M1 VDDPIX S Pixel supply |