| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACTF480-3 bảng dữ liệu(PDF) 1 Page - Advanced Crystal Technology |
|
|
|||||||||||||||||||||||||||||
ACTF480-3 bảng dữ liệu(HTML) 1 Page - Advanced Crystal Technology |
|
1 / 3 page ![]() Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com The ACTF480-3/480.0/TO39-2 is a one channel IF filter for DSB receivers with constant group delay. 1.Package Dimension (TO-39) 2. 3.Equivalent LC Model Pin Configuration 1 Input / Output 2 Output / Input 3 Case Ground Dimensions Data (Unit: mm) A 9.35±0.10 B 5.08±0.10 C 3.40±0.10 D 3.00±0.20 E Φ0.45±0.20 Issue : 1 C1 Date : SEPT 04 |
Số phần tương tự - ACTF480-3 |
|
Mô tả tương tự - ACTF480-3 |