công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BPW-34-BS bảng dữ liệu(PDF) 13 Page - ams-OSRAM AG

tên linh kiện BPW-34-BS
Giải thích chi tiết về linh kiện  Silicon PIN Photodiode with Enhanced Blue Sensitivity;in SMT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSOSRAM [ams-OSRAM AG]
Trang chủ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

BPW-34-BS bảng dữ liệu(HTML) 13 Page - ams-OSRAM AG

Back Button BPW-34-BS Datasheet HTML 8Page - ams-OSRAM AG BPW-34-BS Datasheet HTML 9Page - ams-OSRAM AG BPW-34-BS Datasheet HTML 10Page - ams-OSRAM AG BPW-34-BS Datasheet HTML 11Page - ams-OSRAM AG BPW-34-BS Datasheet HTML 12Page - ams-OSRAM AG BPW-34-BS Datasheet HTML 13Page - ams-OSRAM AG BPW-34-BS Datasheet HTML 14Page - ams-OSRAM AG BPW-34-BS Datasheet HTML 15Page - ams-OSRAM AG BPW-34-BS Datasheet HTML 16Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
BPW 34 BS
13 Version 1.7 | 2018-06-21
Notes
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of
lamps and lamp systems). Within the risk grouping system of this IEC standard, the LED specified in this
data sheet falls into the class exempt group (exposure time 10000 s). Under real circumstances (for expo-
sure time, conditions of the eye pupils, observation distance), it is assumed that no endangerment to the
eye exists from these devices. As a matter of principle, however, it should be mentioned that intense light
sources have a high secondary exposure potential due to their blinding effect. When looking at bright light
sources (e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irrita-
tion, annoyance, visual impairment, and even accidents, depending on the situation.
Subcomponents of this LED contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize LED exposure to aggressive substances during storage, pro-
duction, and use. LEDs that showed visible discoloration when tested using the described tests above did
show no performance deviations within failure limits during the stated test duration. Respective failure limits
are described in the IEC60810.
For further application related informations please visit www.osram-os.com/appnotes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16