| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS7038RB-COLM bảng dữ liệu(PDF) 92 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7038RB-COLM bảng dữ liệu(HTML) 92 Page - ams-OSRAM AG |
|
92 / 127 page ![]() Document Feedback AS7038RB Functional Description Datasheet • PUBLIC DS000726 • v2-00 • 2021-Jun-02 126 │ 91 ECG Lead OFF Detection Figure 121: ECG Lead-OFF Detection The ECG lead OFF detection can be used for detection if the user actually touches the leads. It is a circuitry to measure the capacitor and/or resistance between the two lead inputs ECG_INP and ECG_INN. ECG_INP ECG_REF 2x10M GND ecg_leadsdet_curr 20nA/100nA/500nA/1µA to ADC channel ecgi ecg_leadsdet_en ecg_leadsdet_en ecg_leadsdet_sync_adc If ecg_leaddet_sync_adc is set, the leads detect current is reversed by toggling ecg_leadset_pol on every start of a sequencer period, where an ADC conversion of ECG_INP is performed. This concept allows the measurement of the connected resistor and capacitor between the electrodes. on ecg_leadsdet_pol updates ecg_leadsdet_sync_adc=1 IECG_INP VECG_INP sequencer start period ADC convert start ADC convert start ADC convert seq_adc seq_adc seq_adc ecg_low_leakage_en |