| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS3953A-BDFT bảng dữ liệu(PDF) 24 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3953A-BDFT bảng dữ liệu(HTML) 24 Page - ams-OSRAM AG |
|
24 / 71 page ![]() ams Datasheet Page 23 [v1-05] 2019-Feb-15 Document Feedback AS3953A − Detailed Description Prolog Field for Proprietary Commands Figure below defines the coding of Prolog field for proprietary commands. Figure 26: Prolog Field (proprietary commands) The following proprietary commands are implemented: • Wake-Up: Sends a wake-up interrupt to controller • Read EEPROM: Reads data from EEPROM • Write EEPROM: Writes data to EEPROM Wake-Up Command Information field of Wake-Up command consists of one byte only (see figure below). The AS3953A echoes back the same information field. Figure 27: Wake-Up Command Figure below defines the coding of the AS3953A reply INF to Wake-Up command. Figure 28: Wake-Up Reply Bit Value Function b8 0 01 indicates proprietary command b7 1 b6 0 Shall be set to this value, other values are ‘RFU’ b5 1 b4 CID following if bit is set to ‘1’ b3 1 Shall be set to this value, other values are ‘RFU’ b2 0 b1 1 01h 1byte 01h 1byte |