công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIO70040LFSO8 bảng dữ liệu(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

tên linh kiện DIO70040LFSO8
Giải thích chi tiết về linh kiện  5.5 V Low Loss Power Distribution Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOO [DIOO MICROCIRCUITS CO., LTD]
Trang chủ  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO70040LFSO8 bảng dữ liệu(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO70040LFSO8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFSO8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFSO8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFSO8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFSO8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFSO8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFSO8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFSO8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFSO8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DIO70040
Version 1.3, Aug 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
2
2. Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to damage the
device permanently. Do not design to the maximum limits because long-time exposure to them might impact the
device’s reliability. The ratings are obtained over an operating free-air temperature range unless otherwise
specified.
Symbol
Parameter
Rating
Unit
VIN
Input voltage
-0.3 to 6.0
V
VEN
Operation voltage (EN active high)
-0.3 to VIN + 0.3
Operation voltage (All other pins)
-0.3 to 6.0
TJ
Maximum junction temperature
150
°C
TSTG
Storage temperature
-65 to 150
°C
TL
Maximum lead temperature (Soldering, 10 sec)
260
°C
3. Recommended Operating Conditions
Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications.
The ratings are obtained over an operating free-air temperature range unless otherwise specified.
Symbol
Parameter
Rating
Unit
VIN
Input voltage
2.7 to 5.5
V
Terminal voltage at all other pins
0 to 5.5
V
TJ
Junction temperature range
-40 to 125
°C
TA
Ambient temperature range
-40 to 85
°C
4. ESD Ratings
When a statically-charged person or object touches an electrostatic discharge sensitive device, the electrostatic
charge might be drained through sensitive circuitry in the device. If the electrostatic discharge possesses
sufficient energy, damage might occur to the device due to localized overheating.
Model
Condition
Value
Unit
Human-body model
ANSI/ESDA/JEDEC JS-001
±2
kV
Charged-device model
ANSI/ESDA/JEDEC JS-002
±2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com