| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DIO70050HCST5 bảng dữ liệu(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD |
|
|
|||||||||||||||||||||||||||||
DIO70050HCST5 bảng dữ liệu(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD |
|
7 / 14 page ![]() DIO70050 Version 1.0, Aug 2025 www.dioo.com © 2025 Dioo Microcircuits Co., Ltd. Jiangsu 4 6. Electrical Characteristics TA = 25°C, VIN = 5 V, unless otherwise noted. Symbol Parameter Conditions Min Typ Max Unit VIN Input voltage range 2.7 5.5 V ISHDN Shut down input current Open load, IC disabled 0.2 1 µA IQ Quiescent supply current Open load, IC enabled TA = -40 ~ 85°C 36 60 µA RDS(ON) FET RON IOUT = 100 mA, TA = -40 ~ 85°C 65 90(1) mΩ VEN(H) EN rising threshold VIN = 2.7 V to 5.5 V 0.85 V VEN(L) EN falling threshold VIN = 2.7 V to 4.5 V 0.4 V IEN EN leakage current VEN = 5.0 V 1 µA VIN_UVLO IN UVLO threshold TA = -40 ~ 85°C 2.5 V VIN_HYS(1) IN UVLO hysteresis TA = -40 ~ 85°C 240 400 mV ILIM Current limit DIO70050HA, DIO70050LA 0.45 0.5 0.55 A DIO70050HB, DIO70050LB 0.9 1 1.1 DIO70050HC, DIO70050LC 1.35 1.5 1.65 DIO70050HD, DIO70050LD 1.8 2 2.2 DIO70050HE, DIO70050LE 2.25 2.5 2.75 ISHORT(1) Short-circuit current limit Enabled, output short to ground 10% ILIM tON Turn-on time RL = 10 Ω, COUT = 1 μF 400 µs tOFF Turn-off time RL = 10 Ω, COUT = 1 μF 7 µs TSD Thermal shut down temperature 140 °C Thermal shut down hysteresis 20 °C RDIS Discharge resistance 500 Ω Vreverse Reverse voltage comparator trip point 175 mV Note: (1) Guaranteed by design. (2) Specifications subject to change without notice. |