| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACTF0015 bảng dữ liệu(PDF) 2 Page - Advanced Crystal Technology |
|
|
|||||||||||||||||||||||||||||
ACTF0015 bảng dữ liệu(HTML) 2 Page - Advanced Crystal Technology |
|
2 / 3 page ![]() Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com 4.Typical Frequency Response 5.Performance 5-1.Maximum Rating Rating Value Unit Input Power Level Pin 10 dBm DC Voltage VDC 12 V Storage Temperature Range Tstg -40 to +85 °C Operating Temperature Range TA -10 to +60 °C Issue : 1 C1 Date : SEPT 04 |