| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RA4M3 bảng dữ liệu(PDF) 96 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4M3 bảng dữ liệu(HTML) 96 Page - Renesas Technology Corp |
|
96 / 98 page ![]() Revision History Revision 1.20 — Dec 2, 2020 First edition, issued Revision 1.30 — Dec 6, 2022 1. Overview: ● Fixed the ADC12 functional description in Table 1.9 Analog. ● Added Table 1.12 I/O ports to 1.1 Function Outline. ● Fixed Figure 1.2 Part numbering scheme. ● Added the row of PLBG0064JC-A and PLBG0144KB-A to Table 1.13 Product list. ● Added the column of BGA 64-pin and BGA 144-pin to Table 1.14 Function Comparison. ● Fixed the row of SSIE and ADC12 in Table 1.14 Function Comparison. ● Added the row of I/O ports to Table 1.14 Function Comparison. ● Added Note 2 to Table 1.14 Function Comparison. ● Added Figure 1.6 Pin assignment for BGA 64-pin. ● Added Figure 1.7 Pin assignment for BGA 144-pin. ● Added the column of BGA 64-pin and BGA 144-pin to Table 1.16 Pin list. 2. Electrical Characteristics: ● Fixed the minimum value of VBATT power supply voltage in Table 2.2 Recommended operating conditions. ● Added Note 2 to Table 2.2 Recommended operating conditions. ● Fixed Table 2.3 DC characteristics. ● Fixed Table 2.11 Thermal Resistance. ● Fixed Table 2.38 A/D conversion characteristics for interleaving. ● Fixed the minimum value of VBATT in Table 2.44 Battery backup function characteristics. ● Added Note 1 to Table 2.44 Battery backup function characteristics. Appendix: ● Fixed Figure 2.4 BGA 64-pin in Appendix 2. Package Dimensions. ● Fixed Figure 2.5 BGA 144-pin in Appendix 2. Package Dimensions. Revision 1.40 — Jul 28, 2023 Features: ● Added BGA 64-pin and BGA 144-pin to the list of pins for Ta = -40℃ to +105℃. ● Removed BGA 64-pin and BGA 144-pin from the list of pins for Ta = -40℃ to +85℃. 1. Overview: ● Updated Table 1.13 Product list. ● Updated parts number in Table 1.14 Function Comparison. 2. Electrical Characteristics: ● Updated Table 2.11 Thermal Resistance. ● Updated Table 2.32 SD/MMC Host Interface signal timing. Revision 1.50 — Apr 25, 2025 1. Overview: ● Updated Figure 1.2 Part numbering scheme. RA4M3 Datasheet Revision History R01DS0368EJ0150 Rev.1.50 Apr 25, 2025 Page 96 of 98 |