| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPS bảng dữ liệu(PDF) 1 Page - KITAGAWA GmbH |
|
|
|||||||||||||||||||||||||||||
MPS bảng dữ liệu(HTML) 1 Page - KITAGAWA GmbH |
|
|
1 / 1 page ![]() ・ ・ ● ( : ) ● ● ※ ( ( ※ ) ● ( : ) ● ● 14.4 Part No. Mounting hole size Panel thickness Std. Package RPS-2E-VO (Unit:mm) +0.2 0 φ4.8 0.8~1.2 1,000 pcs. MINI CARD SPACER / MPS,-L 14.4 9.1 6.2 14.4 ・ (Unit:mm) Part No. Mounting hole size Panel thickness Std. Package A KGPS-3S KGPS-4S KGPS-6S KGPS-8S KGPS-10S KGPS-12S KGPS-14S KGPS-16S KGPS-18S 7.5 9.1 12.1 15.4 18.6 21.8 24.9 28.1 31.3 0.5~1.6 0.5~1.3 +0.2 0 +0.2 0 0.5~2.3 100 pcs. (Unit:mm) KGSP-2.5M-V2 KGSP-3M-V0 6.6 7.4 1000 pcs. φ 4.8 φ 4.8 (Unit:mm) Part No. Mounting hole size Panel thickness Std. Package A +0.2 0 KGSP-1.5MP-VO 5.5 Top φ3.5±0.1 Bottom φ 4.8 Top Bottom 1.0~1.6 500 pcs. Part No. Mounting hole size Panel thickness Std. Package A KGPS-3.5S-N 8.2 +0.2 0 500 pcs. φ 4.8 0.5~2.3 Snap-mount PCB spacer support for space saving Features Material ● Nylon 66(Color:Natural) ● Space-saving type, with support at the centre of PCB. ※ Please contact us material and lot size for MPS-**-0 V0 type Mini PCB spacer Can be used with WLS series ※1 MPS-20 : φ6 ※2 MPS-20 : 5 MPS φ7※1 Round hole Snap Mounting Part No. Mounting hole size Panel thickness Std. Package (A) B (Unit:mm) Part No. Mounting hole size Panel thickness Std. Package (A) B 3.9 1000 pcs. 3.9 +0.2 0 φ 4.0 1000 pcs. 1000 pcs. 0.8~1.6 1000 pcs. 1000 pcs. 1000 pcs. 3.9 500 pcs. 1000 pcs. 3.9 3.8 MPS-20 20.0 5.1 +0.1 0 +0.1 0 1000 pcs. φ 3.5 1.6 MPS-2.5-0 2.5 5.35 500 pcs. MPS-04-0 4.0 5.35 MPS-06-0 6.0 5.35 MPS-08-0 8.0 5.35 +0.1 0 φ 3.0 1.6±0.15 1000 pcs. MPS-10-0 10.0 5.35 MPS-12-0 12.0 5.35 MPS-14-0 14.0 5.35 MPS-14.8-0 14.8 5.35 MPS-16-0 16.0 5.35 500 pcs. MPS-18-0 18.0 5.35 MPS-L 3.0 6.0 9.0 11.0 8.0 10.0 7.0 5.0 4.0 3.9 3.9 3.9 3.9 MPS-03L-V0 MPS-06L-V0 MPS-09L-V0 MPS-11L-V0 MPS-08L-VO 1000 pcs. 12.0 3.9 MPS-12L-V0 MPS-10L-V0 MPS-07L-V0 MPS-05L-V0 MPS-04L-V0 UL94 V-2 UL94 V-0 :MPS-**-0 :MPS-**L-V0 Refer to the top column 6 6 6 6 ※2 ※2 6 |
Số phần tương tự - MPS |
|
Mô tả tương tự - MPS |