| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS7262-BLGT bảng dữ liệu(PDF) 30 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7262-BLGT bảng dữ liệu(HTML) 30 Page - ams-OSRAM AG |
|
30 / 48 page ![]() Datasheet, Public Page 29 [v4-00] 2022-Nov-30 Document Feedback AS7262 − Detailed Description Figure 28: Sensor Calibrated Data Registers Addr: 0x14:0x17 V_Cal Bit Bit Name Default Access Bit Description 31:0 V_Cal R Channel V Calibrated Data (floating point). Addr: 0x18:0x1B B_Cal Bit Bit Name Default Access Bit Description 31:0 B_Cal R Channel B Calibrated Data (floating point). Addr: 0x1C:0x1F G_Cal Bit Bit Name Default Access Bit Description 31:0 G_Cal R Channel G Calibrated Data (floating point). Addr: 0x20:0x23 Y_Cal Bit Bit Name Default Access Bit Description 31:0 Y_Cal R Channel Y Calibrated Data (floating point). Addr: 0x24:0x27 O_Cal Bit Bit Name Default Access Bit Description 31:0 O_Cal R Channel O Calibrated Data (floating point). Addr: 0x28:0x2B R_Cal Bit Bit Name Default Access Bit Description 31:0 R_Cal R Channel R Calibrated Data (floating point). |