| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS7261-BLGT bảng dữ liệu(PDF) 21 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7261-BLGT bảng dữ liệu(HTML) 21 Page - ams-OSRAM AG |
|
21 / 48 page ![]() Page 20 ams Datasheet Document Feedback [v1-00] 2016-Dec-30 AS7261 − Detailed Descriptions 4-Btye Floating-Point (FP) Registers Several 4 byte registers (hex) are used by the AS7261. Here is an example of how these registers are used to represent floating point data (based on the IEEE 754 standard): Figure 20: Example of the IEEE 754 Standard The floating point (FP) value assumed by 32 bit binary32 data with a biased exponent e (the 8 bit unsigned integer) and a 23 bit fraction is (for the above example): (EQ1) FPvalue 1 – () sign 1 b23 i – 2 i – i 1 = 23 + 2 e 127 – () × = (EQ2) FPvalue 1 – () 0 1 b23 i – 2 i – i 1 = 23 + 2 124 127 – () × = (EQ3) FPvalue 11 2 2 – + () 2 3 – () × × 0.15625 == |