công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS1130-BTST bảng dữ liệu(PDF) 65 Page - ams-OSRAM AG

tên linh kiện AS1130-BTST
Giải thích chi tiết về linh kiện  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSOSRAM [ams-OSRAM AG]
Trang chủ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BTST bảng dữ liệu(HTML) 65 Page - ams-OSRAM AG

Back Button AS1130-BTST Datasheet HTML 59Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 60Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 61Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 62Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 63Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 64Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 65Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 66Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 67Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 65 / 67 page
background image
Page 64
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1130 − Document Status
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in
the planning phase of development. All specifications are
design goals without any warranty and are subject to
change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the
design, validation or qualification phase of development.
The performance and parameters shown in this document
are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in
ramp-up to full production or full production which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade
Datasheet (discontinued)
Discontinued
Information in this datasheet is based on products which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade, but these products have been superseded and
should not be used for new designs
Document Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67