công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS1113-BSST bảng dữ liệu(PDF) 10 Page - ams-OSRAM AG

tên linh kiện AS1113-BSST
Giải thích chi tiết về linh kiện  50mA, 16-Channel LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSOSRAM [ams-OSRAM AG]
Trang chủ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1113-BSST bảng dữ liệu(HTML) 10 Page - ams-OSRAM AG

Back Button AS1113-BSST Datasheet HTML 6Page - ams-OSRAM AG AS1113-BSST Datasheet HTML 7Page - ams-OSRAM AG AS1113-BSST Datasheet HTML 8Page - ams-OSRAM AG AS1113-BSST Datasheet HTML 9Page - ams-OSRAM AG AS1113-BSST Datasheet HTML 10Page - ams-OSRAM AG AS1113-BSST Datasheet HTML 11Page - ams-OSRAM AG AS1113-BSST Datasheet HTML 12Page - ams-OSRAM AG AS1113-BSST Datasheet HTML 13Page - ams-OSRAM AG AS1113-BSST Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1113
Revision 1.04
8 - 24
AS1113
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1113 is designed to drive up to 16 LEDs through a fast serial interface and 16 constant-current output drivers.
Furthermore, the AS1113 provides diagnostics for detecting open- or shorted-LEDs, as well as over-temperature con-
ditions for LED display systems, especially LED traffic sign applications.
The AS1113 contains an 16-bit shift register and an 16-bit data register, which convert serial input data into parallel out-
put format. At AS1113 output stages, sixteen regulated current sinks are designed to provide uniform and constant cur-
rent with excellent matching between ports for driving LEDs within a wide range of forward voltage variations. External
output current is adjustable from 0.5 to 50mA using an external resistor for flexibility in controlling the brightness inten-
sity of LEDs. The AS1113 guarantees to endure 15V maximum at the outputs.
The serial interface is capable of operating at a minimum of 30 MHz, satisfying the requirements of high-volume data
transmission.
Using a multiplexed input/output technique, the AS1113 adds additional functionality to pins SDO, LD and OEN. These
pins provide highly useful functions (open- and shorted-LED detection, over-temperature detection), thus reducing pin
count. Over-temperature detection will work on-the-run, whereas the open- and shorted-LED detection can be used
on-the-run or in low-current diagnostic mode (see page 15).
Figure 7. AS1113 - Block Diagram
AS1113
REXT
OEN
CLK
SDI
LD
Current
Generators
Detailed
Error
Detection
16-Bit Data
Register
16-Bit Shift
Register
Temperature
Detection
16-Bit Open
Detection &
Error Register
16-Bit Short
Detection &
Error Register
Global
Error
Detection
SDO
Indicates 16 Bit Path
Control Logic
+VLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26