công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS1109-BQFR bảng dữ liệu(PDF) 20 Page - ams-OSRAM AG

tên linh kiện AS1109-BQFR
Giải thích chi tiết về linh kiện  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSOSRAM [ams-OSRAM AG]
Trang chủ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1109-BQFR bảng dữ liệu(HTML) 20 Page - ams-OSRAM AG

Back Button AS1109-BQFR Datasheet HTML 16Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 17Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 18Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 19Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 20Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 21Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 22Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 23Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 24Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
www.ams.com/LED-Driver-ICs/AS1109
Revision 1.21
18 - 24
AS1109
Datasheet - Application In form atio n
9.2 Cascading Devices
To cascade multiple AS1109 devices, pin SDO must be connected to pin SDI of the next AS1109 (see Figure 23). At each rising edge of CLK the
LSB of the shift register will be written into the shift register SDI of the next AS1109 in the chain. Data at the SDI pin is clocked in at the rising
edge of the CLK pulse and is clocked out at the SDO pin 8.5 clock cycles later at the falling edge of the CLK pulse.
Note:
When n*AS1109 devices are in one chain, n*8 clock pulses are needed to latch-in the input data.
Figure 23. Cascading AS1109 Devices
9.3 Constant Current
In LED display applications, the AS1109 provides virtually no current variations from channel-to-channel and from AS1109-to-AS1109. This is
mostly due to 2 factors:

While IOUT
≥ 50mA, the maximum current skew is less than ±2% between channels and less than ±2% between AS1109 devices.

In the saturation region, the characteristics curve of the output stage is flat (see Figure 5 on page 6). Thus, the output current can be kept
constant regardless of the variations of LED forward voltages (VF).
9.4 Adjusting Output Current
The AS1109 scales up the reference current (IREF) set by external resistor (REXT) to sink a current (IOUT) at each output port. As shown in
Figure 3 on page 6 the output current in the saturation region is extremely flat so that it is possible to define it as target current (IOUT TARGET).
IOUT TARGET can be calculated by:
VREXT = 1.253V
(EQ 1)
IREF = VREXT/REXT (if the other end of REXT is connected to ground)
(EQ 2)
IOUT TARGET = IREF*15 = (1.253V/REXT)*15
(EQ 3)
Where:
REXT is the resistance of the external resistor connected to pin REXT.
VREXT is the voltage on pin REXT.
The magnitude of current (as a function of REXT) is around 100mA at 186
Ω, 50.52mA at 372Ω and 25.26mA at 744Ω. Figure 3 on page 6
shows the relationship curve between the IOUT TARGET of each channel and the corresponding external resistor (REXT).
AS1109 #n-1
SDI
SDO
CLK
LD
OEN
SDI
CLK
LD
OEN
AS1109 #1
SDI
SDO
CLK
LD
OEN
AS1109 #2
SDI
SDO
CLK
LD
OEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26