| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CSR310 bảng dữ liệu(PDF) 12 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CSR310 bảng dữ liệu(HTML) 12 Page - Clarke International |
|
12 / 16 page ![]() 12 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com MAINTENANCE • Your sander has been designed to operate over a long period of time with a minimum of maintenance. Continuous satisfactory operation depends upon proper care. • Regularly clean the ventilation slots using a soft dry brush or dry cloth. • Only clean the motor housing using a clean damp cloth. Do not use any abrasive or solvent-based cleaner. • A damaged power cable should be replaced by your Clarke dealer or qualified electrician. • The bearings in this sander are sealed for life and require no maintenance. VIBRATION The declared vibration emission values stated in the specifications have been measured in accordance with a standard test method provided by EN 60745 and may be used for comparing one tool with another. The declared vibration emission value may also be used in a preliminary assessment of exposure. WARNING: BEFORE PERFORMING ANY MAINTENANCE, SWITCH OFF AND UNPLUG THE SANDER. WARNING: THE VIBRATION EMISSION VALUE DURING ACTUAL USE OF THE POWER TOOL CAN DIFFER FROM THE DECLARED VALUE DEPENDING ON THE WAYS IN WHICH THE TOOL IS USED. THE VIBRATION LEVEL MAY INCREASE ABOVE THE LEVEL STATED. |