| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OFSB-8010 bảng dữ liệu(PDF) 1 Page - KITAGAWA GmbH |
|
|
|||||||||||||||||||||||||||||
OFSB-8010 bảng dữ liệu(HTML) 1 Page - KITAGAWA GmbH |
|
|
1 / 1 page ![]() 80 Reel up amount : Max.φ2×2M 3.8-0.10 14 (81.79) φ 60 φ 80 (34.9) Bobbin Tray Min.2 Min. 3 75-1.00 Snap Mounting (Storage tray) Features ● Reels up fiber cables with the bend radius in R30. ● Bobbin cover can open and close. ● Easy maintenance by the bobbin tray. Material UL94 V-2 ● ABS(Color:Black) STORAGE BOBBIN / OFSB-8010 Slide tray Specification drawing Odd-shaped hole (Bobbin can be mounted with screw) Panel thickness :1 φ 3.2+0.10 φ 80 φ 60 (17.3) (10) (CLOSE) (OPEN) (Unit:mm) Part No. Mounting hole size Panel thickness Std. Package Refer to Specification drawing 10 set. 1±0.1 OFSB-8010S Configuration Bobbin + tray ̶ 10 pcs. ̶ OFSB-8010 Bobbin Bobbin OPTICAL Optical fiber cable reel |
Số phần tương tự - OFSB-8010 |
|
Mô tả tương tự - OFSB-8010 |