| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACT9200SSCL bảng dữ liệu(PDF) 5 Page - Advanced Crystal Technology |
|
|
|||||||||||||||||||||||||||||
ACT9200SSCL bảng dữ liệu(HTML) 5 Page - Advanced Crystal Technology |
|
5 / 5 page ![]() Tel : +44 118 979 1238 Fax : +44 118 979 1283 email : info@actcrystals.com REEL TAPE In line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com Issue:4 M6 Date:26/10/05 ACT9200SSCL TAPE & REEL SPECIFICATIONS ACT9200SSCL REFLOW SPECIFICATION 180 2.2 20.2 13 G±2.0 mm 62 16.5 20.5 A B±0.5 D±1.0 C±0.2 N±1.0 T±0.1 A±0.1 B±0.1 C±0.1 D±1.0 1.5 E±0.1 F±0.1 G±0.05 H+0.1-0 ISO9001: 2000 Registered mm 7.7 5.3 1.8 8.0 16.0 4.0 2.0 Page 5 of 5 |