| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
K9F2G08U bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
K9F2G08U bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 32 page ![]() ST72681 NAND interface 9/32 4 NAND interface 4.1 NAND support table Note: This list is provided as a guide only as it is not possible to automatically guarantee support for all the additions and updates across the listed ranges of manufacturers’ devices. Table 6. Known NAND compatibility guide for R20 and R21 devices NAND name NAND size (Mbytes or Gbytes) and type Number of NAND devices supported R20 device R21 device Samsung K9F1G08U 128 MB; SLC2K; Single CE 1 1, 2, 3 or 4 Samsung K9F2G08U 256 MB; SLC2K; Single CE 1 1, 2, 3 or 4 Samsung K9F4G08U 512 MB; SLC2K; Single CE 1 1, 2, 3 or 4 Samsung K9K4G08U 512 MB; SLC2K; Single CE 1 1, 2, 3 or 4 Samsung K9W4G08U 512 MB; SLC2K; Dual CE - 1 or 2 Samsung K9K8G08U 1 GB; SLC2K; Single CE 1 1, 2, 3 or 4 Samsung K9W8G08U 1 GB; SLC2K; Dual CE - 1 or 2 Samsung K9WAG08U 2 GB; SLC2K; Dual CE - 1 or 2 Samsung K9NBG08U 4 GB; SLC2K; Quad CE - 1 Samsung K9G4G08U 512 MB; MLC2K; Single CE 1 1, 2, 3 or 4 Samsung K9L8G08U 1 GB; MLC2K; Single CE 1 1, 2, 3 or 4 Samsung K9HAG08U 2 GB; MLC2K; Dual CE - 1 or 2 Samsung K9MBG08U 4 GB; MLC2K; Quad CE - 1 Toshiba TH58NVG0S3 128 MB; SLC2K; Single CE 1 1, 2, 3 or 4 Toshiba TH58NVG1S3 256 MB; SLC2K; Single CE 1 1, 2, 3 or 4 Toshiba TH58NVG2S3 512 MB; SLC2K; Single CE 1 1, 2, 3 or 4 Toshiba TH58NVG1D4 256 MB; MLC2K; Single CE 1 1, 2, 3 or 4 Toshiba TH58NVG2D4 512 MB; MLC2K; Single CE 1 1, 2, 3 or 4 Toshiba TH58NVG3D4 1 GB; MLC2K; Single CE 1 1, 2, 3 or 4 ST NAND01GW3B 128 MB; SLC2K; Single CE 1 1, 2, 3 or 4 ST NAND02GW3B 256 MB; SLC2K; Single CE 1 1, 2, 3 or 4 ST NAND04GW3B 512 MB; SLC2K; Single CE 1 1, 2, 3 or 4 ST NAND08GW3B 1 GB; SLC2K; Single CE 1 1, 2, 3 or 4 ST NAND04GW3C 512 MB; MLC2K; Single CE 1 1, 2, 3 or 4 Hynix HY27UF081G2M 128 MB; SLC2K; Single CE 1 1, 2, 3 or 4 Hynix HY27UG082G2M 256 MB; SLC2K; Single CE 1 1, 2, 3 or 4 Hynix HY27UG084G2M 512 MB; SLC2K; Single CE 1 1, 2, 3 or 4 Hynix HY27UH084G5M 512 MB; SLC2K; Dual CE - 1 or 2 Hynix HY27UH088G2M 1 GB; SLC2K; Single CE 1 1, 2, 3 or 4 Hynix HY27UT084G2M 512 MB; MLC2K; Single CE 1 1, 2, 3 or 4 Hynix HY27UU088G5M 1 GB; MLC2K; Dual CE - 1 or 2 Micron 29F2G08AA 256 MB; SLC2K; Single CE 1 1, 2, 3 or 4 Micron 29F4G08BA 512 MB; SLC2K; Single CE 1 1, 2, 3 or 4 Micron 29F8G08FA 1 GB; SLC2K; Dual CE - 1 or 2 |