công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HG2417XP-4NF bảng dữ liệu(PDF) 1 Page - Infinite Electronics International, Inc.

tên linh kiện HG2417XP-4NF
Giải thích chi tiết về linh kiện  2400 MHz to 2500 MHz Cross Polarization MIMO Flat Panel Antenna, 17 dBi gain, 4 Port with N Female Connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  L-COM [Infinite Electronics International, Inc.]
Trang chủ  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2417XP-4NF bảng dữ liệu(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2417XP-4NF Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2417XP-4NF Datasheet HTML 2Page - Infinite Electronics International, Inc. HG2417XP-4NF Datasheet HTML 3Page - Infinite Electronics International, Inc. HG2417XP-4NF Datasheet HTML 4Page - Infinite Electronics International, Inc. HG2417XP-4NF Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
HG2417XP-4NF REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
2400 MHz to 2500 MHz Cross Polarization MIMO Flat Panel
Antenna, 17 dBi gain, 4 Port with N Female Connectors
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications:
2400 MHz to 2500 MHz Cross Polarization MIMO Flat Panel Antenna, 17 dBi gain, 4 Port with N Female Connectors HG2417XP-4NF
Features
• 2400 MHz to 2500 MHz
•
17 dBi High Gain
•
Low Profile Design
•
+/- 45 slant polarization for increased MIMO and data throughput
•
Outdoor rated
•
4 x Type N connector
Applications
• WISP
•
WLAN
•
High Density WIFI Applications
•
Hospitality, Industrial, Municipality
•
Rural High Speed Internet
Description
The L-com HG2417XP-4NF Flat Panel Antenna combines four high gain antennas in a single housing, operating from 2400 MHz to
2500 MHz. The unit consists of two vertically and two horizontally polarized multi-patch antennas. It is a professional quality antenna
designed primarily for multiple input multiple output, point-to-multipoint and point-to-point applications in the 2.4 GHz frequency band.
The unit can be used with APs and Routers with one to four antenna ports.
This antenna from L-com has 35 degrees of Horizontal and 15 degrees of Vertical Beamwidth. HG2417XP-4NF incorporates advanced
Cross Polarization technology that allows for the interoperability of multiple radios to transmit and receive paths. This technology allows
for the attenuation of unwanted signals from adjacent channels and/or co-located equipment.
This high 17 dBi gain antenna features a heavy-duty ABS plastic radome ideal for high density outdoor applications. The HG2417XP-
4NF antenna is designed for pole mounting and is DC Grounded. A tilt and swivel mast mount is included which allows for quick instal-
lation at various degrees of up/down tilt for easy alignment.
The HG2417XP-4NF features four separate antenna ports 2x2 MIMO or 4x4 MIMO, with N Type Female connectors. This X-pol Flat
Panel antenna just like our wide selection of superior quality RF parts, ship same day. Contact our knowledgeable and friendly technical
support and sales staff for your answers on antennas or other L-com products.
Configuration
Design
Panel
Band Type
Single
Radiation Pattern
Directional
Polarization
±45 Deg. Slant
Connector Type
N Female
Number of Ports
4
Lightning Protection
DC Ground
Housing Material and Plating
Gray
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
2,400
2,500
MHz
Input VSWR
1.7:1
HG2417XP-4NF


Số phần tương tự - HG2417XP-4NF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infinite Electronics In...
HG2417P-090 L-COM-HG2417P-090 Datasheet
227Kb / 2P
HyperLink 2.4 GHz 17 dBi 90 Degree Sector Panel Wireless LAN Antenn
HG2417P-120 L-COM-HG2417P-120 Datasheet
301Kb / 2P
HyperLink 2.4 GHz 17 dBi 120 Degree Sector Panel Wireless LAN Antenna
More results

Mô tả tương tự - HG2417XP-4NF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE51130 PASTERNACK-PE51130 Datasheet
65Kb / 1P
High Performance Panel Antenna 1700-2500 MHz, 9 dBi
PE51030 PASTERNACK-PE51030 Datasheet
129Kb / 1P
Vertical Omni Antenna 2400 MHz, 10.0 dBi
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51041 PASTERNACK-PE51041 Datasheet
71Kb / 1P
Panel Antenna 2400-2483 MHz,14 dBi
PE51049 PASTERNACK-PE51049 Datasheet
92Kb / 1P
WiMax Panel Antenna 2400-2500 MHz, 19 dBi
PE51064 PASTERNACK-PE51064 Datasheet
59Kb / 1P
Mini Vertical Antenna 2500 MHz, 3 dBi
PE51088 PASTERNACK-PE51088 Datasheet
283Kb / 1P
Mini Omni Antenna 2400-2500 & 4900-5825 MHz 2.0 dBi
PE51133 PASTERNACK-PE51133 Datasheet
256Kb / 1P
Mini Vertical Antenna 2400-2500 MHz 3 dBi
logo
Anaren Microwave
XEC24E3-03G ANAREN-XEC24E3-03G Datasheet
2Mb / 18P
2400-2500 MHz
logo
TE Connectivity Ltd
2195772-1 TEC-2195772-1 Datasheet
2Mb / 2P
2400-2500 MHz 5DBI ANTENNA
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com