công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HG2416SXP-090 bảng dữ liệu(PDF) 2 Page - Infinite Electronics International, Inc.

tên linh kiện HG2416SXP-090
Giải thích chi tiết về linh kiện  HyperLink Wireless 2.4 GHz 16 dBi Spatial Diversity/X-Pol 90° Sector Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  L-COM [Infinite Electronics International, Inc.]
Trang chủ  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2416SXP-090 bảng dữ liệu(HTML) 2 Page - Infinite Electronics International, Inc.

  HG2416SXP-090 Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2416SXP-090 Datasheet HTML 2Page - Infinite Electronics International, Inc. HG2416SXP-090 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
Rugged and Weatherproof
This antenna’s construction features a UV resistant PVC radome for durability and aesthetics. Its mounting system
features a heavy-duty up/down tilt mounting bracket. This allows installation at various degrees of incline for easy
alignment.
Specifications
Electrical Specifications
Frequency
2400-2500 MHz
Gain
16 dBi
Horizontal Beam Width
90°
Vertical Beam Width
8.3°
Polarization
±45°
Impedance
50 Ohm
Front to Back Ratio
> 25 dB
Port to Port Isolation
> 28 dB
Upper Sidelobe Suppression
> 15 dB
Max. Input Power
100 Watts
VSWR
< 1.5:1 avg.
Lightning Protection
DC Ground
Mechanical Specifications
Connectors
(4) N-Female (2 for each X-Pol antenna array)
Weight (Including Bracket)
13.6 lbs. (6.2 Kg)
Dimensions
35.6 x 11.2 x 3.3 in (905 x 285 x 85 mm)
Radome Material
UV-inhibited Polymer
Radome Color
Light Grey
Mounting Mast Size (Dia.)
1.6-2.4 in (40-60mm)
Operating Temperature
-40° C to 60° C (-40° F to 140° F)
RoHS Compliant
Yes



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com