công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HG2416DP bảng dữ liệu(PDF) 1 Page - Infinite Electronics International, Inc.

tên linh kiện HG2416DP
Giải thích chi tiết về linh kiện  HyperLink Wireless 2.4 GHz 16 dBi Dual Polarized Panel Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  L-COM [Infinite Electronics International, Inc.]
Trang chủ  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2416DP bảng dữ liệu(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2416DP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2416DP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink Wireless 2.4 GHz 16 dBi Dual Polarized Panel Antenna
Model: HG2416DP
Applications
IEEE 802.11b/g/n Wireless LAN
2.4 GHz ISM band
MIMO applications
Wireless Internet Provider "Cell" sites
Public wireless hotspot
Features
Vertical and horizontal polarization
Dual polarity feed system – (2) N-Female
connectors
UV-resistant radome for all-weather
operation
Includes tilt and swivel mast mounting
Description
Superior Performance
The HyperLink HG2416DP Flat Panel Antenna combines vertical and horizontal polarization with high gain in a
single enclosure. It is a professional quality antenna designed primarily for MIMO point-to-multipoint and point-to-
point applications in the 2.4 GHz frequency bands. The unit can be used with APs and Routers with 1 or 2 antenna
ports.
Rugged and Weatherproof
This antenna features a heavy-duty UV-resistant plastic radome for all-weather operation. The HG2416DP antenna
is supplied with a stainless steel tilt and swivel mast mount kit. This allows quick installation at various degrees of
up/down tilt for easy alignment.


Số phần tương tự - HG2416DP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infinite Electronics In...
HG2416P L-COM-HG2416P Datasheet
333Kb / 3P
HyperLink Wireless 2.4 GHz 15.5 dBi Wireless LAN Planar Array Antenna
HG2416SXP-090 L-COM-HG2416SXP-090 Datasheet
517Kb / 3P
HyperLink Wireless 2.4 GHz 16 dBi Spatial Diversity/X-Pol 90° Sector Antenna
More results

Mô tả tương tự - HG2416DP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE51046 PASTERNACK-PE51046 Datasheet
74Kb / 1P
WiMax Panel Antenna 3500 MHz, 16 dBi
logo
Pulse A Technitrol Comp...
W1030 PULSE-W1030 Datasheet
1Mb / 2P
Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038 Datasheet
774Kb / 2P
Wireless External Antenna for 2.4 GHz Applications
logo
List of Unclassifed Man...
FGPANEL01 ETC2-FGPANEL01 Datasheet
518Kb / 6P
2.4 GHz panel antenna
FGPANEL02 ETC2-FGPANEL02 Datasheet
578Kb / 6P
2.4 GHz Panel antenna
FGPANEL66 ETC2-FGPANEL66 Datasheet
411Kb / 5P
2.4 GHz panel antenna
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com