| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JC20LG bảng dữ liệu(PDF) 4 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
JC20LG bảng dữ liệu(HTML) 4 Page - Clarke International |
|
4 / 44 page ![]() 4 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com WORK AREA 1. ALWAYS use in a well ventilated area. 2. ALWAYS position the exhaust outlet away from people. 3. NEVER use indoors or in a confined space. 4. ALWAYS keep children away from the generator. POSITIONING THE GENERATOR 1. ALWAYS leave a least a 1m gap between the generator and any surrounding building or structures. 2. ALWAYS ensure the generator is on a dry, solid, level and flat surface. 3. ALWAYS ensure the surrounding area is free from any material that could burn or be damaged by heat. 4. NEVER move or tilt the generator whilst it is switched on. FIRE PREVENTION 1. ALWAYS switch the engine OFF when refuelling. Allow generator to cool for at least 2 minutes before removing the fuel cap. Loosen cap slowly to relieve pressure in the tank. 2. ALWAYS refuel away from any source of heat. 3. ALWAYS refuel in a well ventilated area. 4. ONLY use standard unleaded petrol. 5. DO NOT overfill the fuel tank. DO NOT fill to the very top of the tank and leave room for petrol expansion. 6. NEVER smoke whilst refuelling and avoid smoking or using a naked flame near the generator. 7. DO NOT operate near an open flame, heat or flammable materials. This generator may emit highly flammable and explosive petrol vapours. 8. NEVER start the engine if there is spilled fuel. Any spillage must be wiped clean and the generator allowed to dry before attempting to start the engine. PREVENTION OF ELECTRIC SHOCK 1. NEVER use the generator in wet conditions unless it is well protected/covered. Under these conditions, adequate ventilation MUST be provided. 2. NEVER operate the generator with wet hands. 3. NEVER use water or any other liquids to clean the generator. |