| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CSP56LM bảng dữ liệu(PDF) 13 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CSP56LM bảng dữ liệu(HTML) 13 Page - Clarke International |
|
13 / 28 page ![]() 13 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com CUTTING HEIGHT 1. Consult a local nursery or garden center for cutting height recommendations and advice about specific types of grasses and growing conditions in your area. 2. If you look closely, you’ll see that most grass has stems and leaves. If you cut off the leaves, you’ll scalp the lawn. 3. Let the grass recover between mowing. Your mower will work better and your lawn will look better. 4. If your grass gets too tall, cut it once at the highest cutting height setting, then mow again in 2 or 3 days. Don’t take off more than one third of total grass height in any one mowing session or brown patches may develop. CUTTING WIDTH For an even lawn finish, overlap each mowing swath by approximate 5-10cm. If the grass is very tall or thick, use more overlap and a narrower mowing swath. BLADE SPEED The blade must spin very fast to cut properly. Always use the FAST throttle setting and keep the engine running at maximum rpm. If engine speed drops, it could mean the engine is being overloaded by the blade trying to cut too much grass. Mow a narrower swath, move the mower slower, or raise the cutting height. BLADE SHARPNESS A sharp blade cuts cleanly. A dull blade tears the grass, leaving shredded ends that turn brown. When your blade doesn’t cut cleanly anymore, have it sharpened. DRY GRASS If the ground is too dry, mowing will stir up a lot of dust. Besides being unpleasant to work in, too much dust will clog the carburettor air filter. If dust is a problem, water your lawn the day before mowing. Mow when the grass is dry to your touch, but the soil is still moist. WET GRASS Wet grass is slippery and can make you lose your footing. Also, wet grass clippings will clog the cutter housing and collect in clumps on the lawn. Always wait for wet grass to dry before mowing. FALLEN LEAVES When equipped with the grass bag, your mower can be used to pick up fallen leaves for disposal. If using the mower to bag large amount of fallen leaves, and not for mowing, set the cutting height adjustment lever at highest setting. If you want to mulch fallen leaves into your lawn, don’t let the leaf cover get too deep before you begin. For best results, start mulching while grass still shows through the leaf cover. In places where fallen leaves completely cover the grass remove the leaves by raking, or install a grass bag, so your mower can pick them up for disposal. |